Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITE49M Datasheet(PDF) 186 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 186 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 180Page - STMicroelectronics ST7LITE49M Datasheet HTML 181Page - STMicroelectronics ST7LITE49M Datasheet HTML 182Page - STMicroelectronics ST7LITE49M Datasheet HTML 183Page - STMicroelectronics ST7LITE49M Datasheet HTML 184Page - STMicroelectronics ST7LITE49M Datasheet HTML 185Page - STMicroelectronics ST7LITE49M Datasheet HTML 186Page - STMicroelectronics ST7LITE49M Datasheet HTML 187Page - STMicroelectronics ST7LITE49M Datasheet HTML 188Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 186 / 188 page
background image
Package characteristics
ST7LITE49M
186/188
15.2
Thermal characteristics
Table 105.
Thermal characteristics(1)
1.
TBD stands for ‘to be determined’.
Symbol
Ratings
Value
Unit
RthJA
Package thermal resistance
(junction to ambient)
LQFP32
TBD
°C/W
TJmax
Maximum junction
temperature(2)
2.
The maximum chip-junction temperature is based on technology characteristics.
TBD
°C
PDmax
Power dissipation(3)
3.
The maximum power dissipation is obtained from the formula PD = (TJ -TA) / RthJA.
The power dissipation of an application can be defined by the user with the formula: PD=PINT+PPORT
where PINT is the chip internal power (IDDxVDD) and PPORT is the port power dissipation depending on the
ports used in the application.
LQFP32
TBD
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com