Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1601 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP1601
Description  500 mA Synchronous BUCK Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1601 Datasheet(HTML) 4 Page - Microchip Technology

  MCP1601 Datasheet HTML 1Page - Microchip Technology MCP1601 Datasheet HTML 2Page - Microchip Technology MCP1601 Datasheet HTML 3Page - Microchip Technology MCP1601 Datasheet HTML 4Page - Microchip Technology MCP1601 Datasheet HTML 5Page - Microchip Technology MCP1601 Datasheet HTML 6Page - Microchip Technology MCP1601 Datasheet HTML 7Page - Microchip Technology MCP1601 Datasheet HTML 8Page - Microchip Technology MCP1601 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MCP1601
DS21762A-page 4
 2003 Microchip Technology Inc.
TEMPERATURE SPECIFICATIONS
Protection Features
Average Short Circuit Current
—
890
—
mA
RLOAD < 1 ohm
Under-Voltage Lockout
UVLO
2.4
—
2.7
V
For VIN decreasing
Under-Voltage Lockout Hysteresis
UVLO-HYS
—
190
—
mV
Thermal Shutdown
TSHD
—
160
—°C
Thermal Shutdown Hysteresis
TSHD-HYS
—
10
—°C
Interface Signals (SHDN, SYNC/PWM)
Logic Low Input
VIN-HIGH
——
15
% of
VIN
Logic High Input
VIN-HIGH
45
——
% of
VIN
Input Leakage Current
IIN-LK
——
0.1
µA
Electrical Specifications: Unless otherwise noted, all parameters apply at VDD = 2.7V to 5.5V
Parameters
Symbol
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+85
°C
Operating Junction Temperature Range
TJ
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 8 Pin MSOP
θJA
—
208
—°C/W
Single-Layer SEMI G42-88
Board, Natural Convection
ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, VIN=4.2V, VOUT=1.8V, ILOAD = 10 mA, TA=-40°C to +85°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com