Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2140T-IP Datasheet(PDF) 46 Page - Microchip Technology

Part # MCP2140T-IP
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140T-IP Datasheet(HTML) 46 Page - Microchip Technology

Back Button MCP2140T-IP Datasheet HTML 42Page - Microchip Technology MCP2140T-IP Datasheet HTML 43Page - Microchip Technology MCP2140T-IP Datasheet HTML 44Page - Microchip Technology MCP2140T-IP Datasheet HTML 45Page - Microchip Technology MCP2140T-IP Datasheet HTML 46Page - Microchip Technology MCP2140T-IP Datasheet HTML 47Page - Microchip Technology MCP2140T-IP Datasheet HTML 48Page - Microchip Technology MCP2140T-IP Datasheet HTML 49Page - Microchip Technology MCP2140T-IP Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
MCP2140
DS21790A-page 46
Preliminary
 2003 Microchip Technology Inc.
The IrDA Standard specifies the following protocols:
• Physical Signaling Layer (PHY)
• Link Access Protocol (IrLAP)
• Link Management Protocol/Information Access
Service (IrLMP/IAS)
The IrDA data lists optional protocols. They are:
•Tiny TP
• IrTran-P
• IrOBEX
•IrLAN
•IrCOMM
•IrMC
•IrDA Lite
Figure B-2 shows the IrDA data protocol stack and
which components are implemented by the MCP2140.
FIGURE B-2:
IRDA DATA - PROTOCOL
STACKS
B.1
IrDA STANDARD DATA
PROTOCOLS SUPPORTED BY
MCP2140
The MCP2140 supports these required IrDA standard
protocols:
• Physical Signaling Layer (PHY)
• Link Access Protocol (IrLAP)
• Link Management Protocol/Information Access
Service (IrLMP/IAS)
The MCP2140 also supports some of the optional pro-
tocols for IrDA data. The optional protocols that the
MCP2140 implements are:
•Tiny TP
•IrCOMM
B.1.1
PHYSICAL SIGNAL LAYER (PHY)
The MCP2140 provides the following Physical Signal
Layer specification support:
• Bidirectional communication
• Data Packets are protected by a CRC
- 16-bit CRC for speeds up to 115.2 kbaud
• Data Communication Rate
- 9600 baud minimum data rate (with primary
speed/cost steps of 115.2 kbaud
The following Physical Layer Specification is depen-
dant on the optical transceiver logic used in the
application. The specification states:
• Communication Range, which sets the end user
expectation for discovery, recognition and
performance.
- Continuous operation from contact to at least
1 meter (typically 2 meters can be reached)
- A low power specification reduces the objec-
tive for operation from contact to at least
20 cm (low power and low power) or 30 cm
(low power and standard power)
IrComm (1)
IR Link Management - Mux (IrLMP)
IR Link Access Protocol (IrLAP)
Optional IrDA data
protocols not
Supported by
the MCP2140
supported by
the MCP2140
IrTran-P
IrObex IrLan
IrMC
LM-IAS
Tiny Transport Protocol (Tiny TP)
Synchronous
4 PPM
(4 Mb/s)
Synchronous
Serial IR
(1.152 Mb/s)
Asynchronous
Serial IR (2, 3)
(9600 -115200 b/s)
Note 1: The MCP2140 implements the 9-wire
“cooked” service class serial replicator.
2: The MCP2140 is fixed at 9600 Baud.
3: An optical transceiver is required.
Note:
MCP2140 supports 9600 Baud only.
Note:
MCP2140 supports 9600 Baud only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com