Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6004T-I/MS Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6004T-I/MS
Description  1 MHz, Low-Power Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6004T-I/MS Datasheet(HTML) 1 Page - Microchip Technology

  MCP6004T-I/MS Datasheet HTML 1Page - Microchip Technology MCP6004T-I/MS Datasheet HTML 2Page - Microchip Technology MCP6004T-I/MS Datasheet HTML 3Page - Microchip Technology MCP6004T-I/MS Datasheet HTML 4Page - Microchip Technology MCP6004T-I/MS Datasheet HTML 5Page - Microchip Technology MCP6004T-I/MS Datasheet HTML 6Page - Microchip Technology MCP6004T-I/MS Datasheet HTML 7Page - Microchip Technology MCP6004T-I/MS Datasheet HTML 8Page - Microchip Technology MCP6004T-I/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21733F-page 1
MCP6001/2/4
Features
• Available in SC-70-5 and SOT-23-5 packages
• Gain Bandwidth Product: 1 MHz (typ.)
• Rail-to-Rail Input/Output
• Supply Voltage: 1.8V to 5.5V
• Supply Current: IQ = 100 µA (typ.)
• Phase Margin: 90° (typ.)
• Temperature Range:
- Industrial: -40°C to +85°C
- Extended: -40°C to +125°C
• Available in Single, Dual and Quad Packages
Applications
• Automotive
• Portable Equipment
• Photodiode Amplifier
• Analog Filters
• Notebooks and PDAs
• Battery-Powered Systems
Available Tools
SPICE Macro Models (at www.microchip.com)
FilterLab® Software (at www.microchip.com)
Typical Application
Description
The Microchip Technology Inc. MCP6001/2/4 family of
operational
amplifiers
(op
amps)
is
specifically
designed for general-purpose applications. This family
has a 1 MHz Gain Bandwidth Product (GBWP) and
90° phase margin (typ.). It also maintains 45° phase
margin (typ.) with a 500 pF capacitive load. This family
operates from a single supply voltage as low as 1.8V,
while
drawing
100 µA
(typ.)
quiescent
current.
Additionally, the MCP6001/2/4 supports rail-to-rail
input and output swing, with a common mode input
voltage range of VDD +300 mV to VSS – 300 mV. This
family of op amps is designed with Microchip’s
advanced CMOS process.
The MCP6001/2/4 family is available in the industrial
and extended temperature ranges, with a power supply
range of 1.8V to 5.5V.
Package Types
R1
VOUT
R2
VIN
VDD
+
–
Gain
1
R
1
R
2
------
+
=
Non-Inverting Amplifier
MCP6001
VREF
VSS
4
5
4
5
4
MCP6001
1
2
3
-
5 VDD
VIN–
VOUT
VSS
VIN+
SC-70-5, SOT-23-5
MCP6002
PDIP, SOIC, MSOP
MCP6004
VINA+
VINA–
VSS
1
2
3
4
14
13
12
11
-
VOUTA
+ -
+
VDD
VOUTD
VIND–
VIND+
10
9
8
5
6
7
VOUTB
VINB–
VINB+VINC+
VINC–
VOUTC
+
-
-
+
PDIP, SOIC, TSSOP
VINA+
VINA–
VSS
1
2
3
4
8
7
6
5
-
VOUTA
+
-
+
VDD
VOUTB
VINB–
VINB+
4
1
2
3
-
5 VDD
VOUT
VSS
MCP6001R
SOT-23-5
1
2
3
-
VSS
VIN–
VOUT
VDD
VIN+
MCP6001U
SOT-23-5
1
2
3
-
VDD
VOUT
VIN+
VSS
VIN–
1 MHz, Low-Power Op Amp


Similar Part No. - MCP6004T-I/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6004 MICROCHIP-MCP6004 Datasheet
553Kb / 24P
1 MHz Bandwidth Low Power Op Amp
2003
MCP6004E MICROCHIP-MCP6004E Datasheet
553Kb / 24P
1 MHz Bandwidth Low Power Op Amp
2003
MCP6004ELT MICROCHIP-MCP6004ELT Datasheet
553Kb / 24P
1 MHz Bandwidth Low Power Op Amp
2003
MCP6004EMS MICROCHIP-MCP6004EMS Datasheet
553Kb / 24P
1 MHz Bandwidth Low Power Op Amp
2003
MCP6004EOT MICROCHIP-MCP6004EOT Datasheet
553Kb / 24P
1 MHz Bandwidth Low Power Op Amp
2003
More results

Similar Description - MCP6004T-I/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6001 MICROCHIP-MCP6001 Datasheet
553Kb / 24P
1 MHz Bandwidth Low Power Op Amp
2003
logo
AUK corp
S358P AUK-S358P Datasheet
217Kb / 3P
Low Power Dual OP AMP
S358 AUK-S358_1 Datasheet
212Kb / 4P
Low Power Dual OP AMP
S358P AUK-S358P_1 Datasheet
213Kb / 4P
Low Power Dual OP AMP
logo
KODENSHI_AUK CORP.
SN324 KODENSHI-SN324 Datasheet
372Kb / 8P
Low Power Quad OP AMP
logo
Unisonic Technologies
LM321 UTC-LM321 Datasheet
225Kb / 7P
LOW POWER SINGLE OP AMP
logo
Texas Instruments
OPA837 TI1-OPA837_18 Datasheet
2Mb / 57P
Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837_1809 TI1-OPA837_1809 Datasheet
2Mb / 58P
Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
logo
Microchip Technology
MIC920 MICROCHIP-MIC920 Datasheet
928Kb / 24P
80 MHz Low-Power SC70 Op Amp
05/14/19
logo
AiT Semiconductor Inc.
AO321B AITSEMI-AO321B Datasheet
968Kb / 11P
LOW POWER SINGLE OP AMP
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com