Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25LC080B-I/MS Datasheet(PDF) 14 Page - Microchip Technology

Part # 25LC080B-I/MS
Description  8K SPI Bus Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC080B-I/MS Datasheet(HTML) 14 Page - Microchip Technology

Back Button 25LC080B-I/MS Datasheet HTML 10Page - Microchip Technology 25LC080B-I/MS Datasheet HTML 11Page - Microchip Technology 25LC080B-I/MS Datasheet HTML 12Page - Microchip Technology 25LC080B-I/MS Datasheet HTML 13Page - Microchip Technology 25LC080B-I/MS Datasheet HTML 14Page - Microchip Technology 25LC080B-I/MS Datasheet HTML 15Page - Microchip Technology 25LC080B-I/MS Datasheet HTML 16Page - Microchip Technology 25LC080B-I/MS Datasheet HTML 17Page - Microchip Technology 25LC080B-I/MS Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
25XX080A/B
DS21808D-page 14
© 2007 Microchip Technology Inc.
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
8-Lead MSOP (150 mil)
Example:
XXXXXXT
YWWNNN
5L8AI
6281L7
T/XXXNNN
XXXXXXXX
YYWW
8-Lead PDIP
8-Lead SOIC
XXXXYYWW
XXXXXXXT
NNN
XXXX
TYWW
8-Lead TSSOP
NNN
I/P
1L7
25LC080A
0628
Example:
Example:
SN
0628
25L080AI
1L7
1L7
5L8A
I628
Example:
MSOP 1st Line Marking Codes
Device
25AA080A
25AA080B
25LC080A
25LC080B
Code
TSSOP 1st Line Marking Codes
Device
25AA080A
25AA080B
25LC080A
25LC080B
Code
5A8A
5A8B
5L8A
5L8B
5A8A
5A8B
5L8A
5L8B
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com