Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25LC128 Datasheet(PDF) 1 Page - Microchip Technology

Part # 25LC128
Description  128K SPI Bus Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC128 Datasheet(HTML) 1 Page - Microchip Technology

  25LC128 Datasheet HTML 1Page - Microchip Technology 25LC128 Datasheet HTML 2Page - Microchip Technology 25LC128 Datasheet HTML 3Page - Microchip Technology 25LC128 Datasheet HTML 4Page - Microchip Technology 25LC128 Datasheet HTML 5Page - Microchip Technology 25LC128 Datasheet HTML 6Page - Microchip Technology 25LC128 Datasheet HTML 7Page - Microchip Technology 25LC128 Datasheet HTML 8Page - Microchip Technology 25LC128 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© 2007 Microchip Technology Inc.
DS21831C-page 1
25AA128/25LC128
Device Selection Table
Features
• Max. Clock 10 MHz
• Low-power CMOS Technology
- Max. Write Current: 5 mA at 5.5V, 10 MHz
- Read Current: 5 mA at 5.5V, 10 MHz
- Standby Current: 5
μA at 5.5V
• 16,384 x 8-bit Organization
• 64 Byte Page
• Self-timed Erase and Write Cycles (5 ms max.)
• Block Write Protection
- Protect none, 1/4, 1/2 or all of array
• Built-in Write Protection
- Power-on/off data protection circuitry
- Write enable latch
- Write-protect pin
• Sequential Read
• High Reliability
- Endurance: 1,000,000 erase/write cycles
- Data retention: > 200 years
- ESD protection: > 4000V
• Temperature Ranges Supported;
• Standard and Pb-free Packages Available
Pin Function Table
Description
The Microchip Technology Inc. 25AA128/25LC128
(25XX128*) are 128k-bit Serial Electrically Erasable
PROMs. The memory is accessed via a simple Serial
Peripheral Interface (SPI) compatible serial bus. The
bus signals required are a clock input (SCK) plus sep-
arate data in (SI) and data out (SO) lines. Access to the
device is controlled through a Chip Select (CS) input.
Communication to the device can be paused via the
hold pin (HOLD). While the device is paused,
transitions on its inputs will be ignored, with the
exception of Chip Select, allowing the host to service
higher priority interrupts.
The 25XX128 is available in standard packages
including 8-lead PDIP and SOIC, and advanced
packaging including 8-lead DFN and 8-lead TSSOP.
Pb-free (Pure Sn) finish is also available.
Package Types (not to scale)
Part Number
VCC Range
Page Size
Temp. Ranges
Packages
25LC128
2.5-5.5V
64 Byte
I,E
P, SN, ST, MF
25AA128
1.8-5.5V
64 Byte
I
P, SN, ST, MF
- Industrial (I):
-40
°Cto +85°C
- Automotive (E):
-40°C to +125°C
Name
Function
CS
Chip Select Input
SO
Serial Data Output
WP
Write-Protect
VSS
Ground
SI
Serial Data Input
SCK
Serial Clock Input
HOLD
Hold Input
VCC
Supply Voltage
CS
SO
WP
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
PDIP/SOIC
(P, SN)
TSSOP
CS
SO
WP
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
(ST)
DFN
CS
SO
WP
VSS
HOLD
SCK
SI
5
6
7
8
4
3
2
1
VCC
(MF)
128K SPI Bus Serial EEPROM
* 25XX128 is used in this document as a generic part number for the 25AA128, 25LC128 devices.


Similar Part No. - 25LC128

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC128 MICROCHIP-25LC128 Datasheet
424Kb / 26P
128K SPI Bus Serial EEPROM
2009
25LC128 MICROCHIP-25LC128 Datasheet
358Kb / 24P
8K-256K SPI Serial EEPROM High Temp Family Data Sheet
2009
25LC128-E/MF MICROCHIP-25LC128-E/MF Datasheet
424Kb / 26P
128K SPI Bus Serial EEPROM
2009
25LC128-E/P MICROCHIP-25LC128-E/P Datasheet
424Kb / 26P
128K SPI Bus Serial EEPROM
2009
25LC128-E/SN MICROCHIP-25LC128-E/SN Datasheet
424Kb / 26P
128K SPI Bus Serial EEPROM
2009
More results

Similar Description - 25LC128

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA256 MICROCHIP-25AA256_07 Datasheet
598Kb / 26P
256K SPI Bus Serial EEPROM
2007
25AA128 MICROCHIP-25AA128_09 Datasheet
424Kb / 26P
128K SPI Bus Serial EEPROM
2009
logo
Sanyo Semicon Device
LE25CA322 SANYO-LE25CA322 Datasheet
223Kb / 14P
Serial SPI EEPROM (SPI Bus) (32Kbit)
LE25CB1282M SANYO-LE25CB1282M Datasheet
297Kb / 13P
Serial SPI EEPROM (SPI Bus)(128Kbit)
LE25CB5122M SANYO-LE25CB5122M Datasheet
256Kb / 13P
Serial SPI EEPROM (SPI Bus)(512Kbit)
LE25LA322 SANYO-LE25LA322 Datasheet
255Kb / 14P
Serial SPI EEPROM (SPI Bus) (32Kbit)
LE25LB642CT SANYO-LE25LB642CT Datasheet
372Kb / 14P
Serial SPI EEPROM (SPI Bus)(64Kbit)
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
Serial SPI EEPROM (SPI Bus)(128Kbit)
LE25LB2562M SANYO-LE25LB2562M_10 Datasheet
254Kb / 14P
256Kbit Serial SPI EEPROM (SPI Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com