Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6024-I/ST Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP6024-I/ST
Description  Rail-to-Rail Input/Output, 10 MHz Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6024-I/ST Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP6024-I/ST Datasheet HTML 15Page - Microchip Technology MCP6024-I/ST Datasheet HTML 16Page - Microchip Technology MCP6024-I/ST Datasheet HTML 17Page - Microchip Technology MCP6024-I/ST Datasheet HTML 18Page - Microchip Technology MCP6024-I/ST Datasheet HTML 19Page - Microchip Technology MCP6024-I/ST Datasheet HTML 20Page - Microchip Technology MCP6024-I/ST Datasheet HTML 21Page - Microchip Technology MCP6024-I/ST Datasheet HTML 22Page - Microchip Technology MCP6024-I/ST Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
© 2006 Microchip Technology Inc.
DS21685C-page 19
MCP6021/1R/2/3/4
Package Marking Information (Continued)
14-Lead PDIP (300 mil) (MCP6024)
Example:
14-Lead TSSOP (MCP6024)
Example:
14-Lead SOIC (150 mil) (MCP6024)
Example:
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
XXXXXXXXXX
YYWWNNN
XXXXXX
YYWW
NNN
MCP6024
-I/P
XXXXXXXXXXXXXX
0331256
6024
E
0331
256
XXXXXXXXXX
MCP6024
ISL
0331256
XXXXXXXXXX
MCP6024
E/P^^
0549256
OR
MCP6024
0549256
E/SL^^
OR
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com