Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25LC128-E/P Datasheet(PDF) 14 Page - Microchip Technology

Part # 25LC128-E/P
Description  128K SPI Bus Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC128-E/P Datasheet(HTML) 14 Page - Microchip Technology

Back Button 25LC128-E/P Datasheet HTML 10Page - Microchip Technology 25LC128-E/P Datasheet HTML 11Page - Microchip Technology 25LC128-E/P Datasheet HTML 12Page - Microchip Technology 25LC128-E/P Datasheet HTML 13Page - Microchip Technology 25LC128-E/P Datasheet HTML 14Page - Microchip Technology 25LC128-E/P Datasheet HTML 15Page - Microchip Technology 25LC128-E/P Datasheet HTML 16Page - Microchip Technology 25LC128-E/P Datasheet HTML 17Page - Microchip Technology 25LC128-E/P Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
25AA128/25LC128
DS21831C-page 14
© 2007 Microchip Technology Inc.
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
T/XXXNNN
XXXXXXXX
YYWW
8-Lead PDIP
8-Lead SOIC
T/XXYYWW
XXXXXXXX
NNN
XXXX
TYWW
8-Lead TSSOP
NNN
I/P 1L7
25AA128
0328
Example:
Example:
I/SN 0328
25LC128
1L7
1L7
5LD
I328
Example:
TSSOP 1st Line Marking Codes
Device
25AA128
std mark
Pb-free
mark
5AD
NAD
8-Lead DFN
Example
:
XXXXXXX
T/XXXXX
YYWW
25LC128
I/MF
0328
1L7
NNN
25LC128
5LD
NLD
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com