Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6234 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP6234
Description  20 關A, 300 kHz Rail-to-Rail Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6234 Datasheet(HTML) 2 Page - Microchip Technology

  MCP6234 Datasheet HTML 1Page - Microchip Technology MCP6234 Datasheet HTML 2Page - Microchip Technology MCP6234 Datasheet HTML 3Page - Microchip Technology MCP6234 Datasheet HTML 4Page - Microchip Technology MCP6234 Datasheet HTML 5Page - Microchip Technology MCP6234 Datasheet HTML 6Page - Microchip Technology MCP6234 Datasheet HTML 7Page - Microchip Technology MCP6234 Datasheet HTML 8Page - Microchip Technology MCP6234 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
MCP6231/2/4
DS21881C-page 2
© 2005 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD - VSS .........................................................................7.0V
All Inputs and Outputs ................. VSS – 0.3V to VDD + 0.3V
Difference Input Voltage ...................................... |VDD – VSS|
Output Short Circuit Current ..................................continuous
Current at Input Pins ....................................................±2 mA
Current at Output and Supply Pins ............................±30 mA
Storage Temperature.................................... –65°C to +150°C
Junction Temperature (TJ)...........................................+150°C
ESD Protection On All Pins (HBM;MM)
............... ≥ 4 kV; 300V
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification is not
implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to +5.5V, VSS = GND,
VCM = VDD/2, RL = 100 kΩ to VDD/2 and VOUT
≈ V
DD/2.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Offset
Input Offset Voltage
VOS
-5.0
—
+5.0
mV
VCM = VSS
Extended Temperature
VOS
-7.0
—
+7.0
mV
TA = -40°C to +125°C,
VCM = VSS (Note)
Input Offset Drift with Temperature
ΔVOS/ΔTA
—±3.0
—
µV/°C TA= -40°C to +125°C,
VCM = VSS
Power Supply Rejection Ratio
PSRR
—
83
—
dB
VCM = VSS
Input Bias Current and Impedance
Input Bias Current:
IB
—±1.0
—
pA
At Temperature
IB
—20
—
pA
TA = +85°C
At Temperature
IB
—1100
—
pA
TA = +125°C
Input Offset Current
IOS
—±1.0
—
pA
Common Mode Input Impedance
ZCM
—1013||6
—
Ω||pF
Differential Input Impedance
ZDIFF
—1013||3
—
Ω||pF
Common Mode
Common Mode Input Range
VCMR
VSS – 0.3
—
VDD + 0.3
V
Common Mode Rejection Ratio
CMRR
61
75
—
dB
VCM = -0.3V to 5.3V,
VDD = 5V
Open-Loop Gain
DC Open-Loop Gain (large signal)
AOL
90
110
—
dB
VOUT = 0.3V to VDD – 0.3V,
VCM =VSS
Output
Maximum Output Voltage Swing
VOL, VOH VSS + 35
—
VDD – 35
mV
RL =10 kΩ, 0.5V Output
Overdrive
Output Short-Circuit Current
ISC
—±6
—
mA
VDD = 1.8V
ISC
—±23
—
mA
VDD = 5.5V
Power Supply
Supply Voltage
VDD
1.8
—
5.5
V
Quiescent Current per Amplifier
IQ
10
20
30
µA
IO = 0, VCM = VDD – 0.5V
Note:
The SC-70 package is only tested at +25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com