Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS810 Datasheet(PDF) 37 Page - Microchip Technology

Part # PS810
Description  Li Ion Single Cell Fuel Gauge
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS810 Datasheet(HTML) 37 Page - Microchip Technology

Back Button PS810 Datasheet HTML 33Page - Microchip Technology PS810 Datasheet HTML 34Page - Microchip Technology PS810 Datasheet HTML 35Page - Microchip Technology PS810 Datasheet HTML 36Page - Microchip Technology PS810 Datasheet HTML 37Page - Microchip Technology PS810 Datasheet HTML 38Page - Microchip Technology PS810 Datasheet HTML 39Page - Microchip Technology PS810 Datasheet HTML 40Page - Microchip Technology PS810 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
© 2006 Microchip Technology Inc.
DS21904C-page 37
PS810
10.0
ELECTRICAL CHARACTERISTICS
TABLE 10-1:
ABSOLUTE MAXIMUM RATINGS
TABLE 10-2:
DC CHARACTERISTICS (TA = -20°C TO +85°C; VDD (INTERNAL) = +2.8V ±7%)
Symbol
Description
Min.
Max.
Units
VPIN
Voltage Directly at any pin
-0.5
7.0
V
TBIAS
Temperature under Bias
-20
85
°C
TSTORAGE
Storage Temperature (package dependent)
-35
120
°C
Note:
These are stress ratings only. Stress greater than the listed ratings may cause permanent damage to the
device. Exposure to absolute maximum ratings for an extended period may affect device reliability.
Functional operation is implied only at the listed operating conditions below.
Symbol
Description
Min.
Typ.
Max.
Units
Condition
VC1
Supply Voltage
2.5
5.5
V
(Note 3)
VDD
Internal Regulated Supply Voltage
2.8
V
IDD
Supply Current – Run mode
100
125
μA
A/D active
(Note 1)
IDDSLP
Supply Current – Sleep mode
22
25
μA
Sleep mode
(Note 1)
IDDSSLP
Supply Current – Shelf-Sleep mode
600
1000
nA
Shelf-Sleep
mode (Note 1)
VIL
Input Low Voltage – GPIO
0.2 * VDD
V
VIH
Input High Voltage – GPIO
0.8 * VDD
——
V
IIL-IO0PU
GPIO Input Low Current – Pull-up mode
7
90
μAVaries with
battery voltage
IL-IO
Leakage Current – IO pins Programmed as
Outputs or Inputs without Pull-up
—1
2
μA
VOL-IO
Output Low Voltage for GPIO
0.4
V
IOL = 0.5 mA
VOH-IO
Output High Voltage for GPIO Configured
as Push-Pull
2.0
V
IOH = 100
μA
VSR
Sense Resistor Input Voltage Range
-152
152
mV
INTC
Thermistor Output Current
5.2
μA
VIL-SMB
Input Low Voltage for SMBus pins
-0.5
0.8
V
VIH-SMB
Input High Voltage for SMBus pins
2.0
5.5
V
VOL-SMB
Output Low Voltage for SMBus pins
0.4
V
IPULLUP = 350
μA
VOH-SMB
Output High Voltage for SMBus pins
2.1
5.5
V
VIL-SMB (1.8V)
Input Low Voltage for SMBus pins at 1.8V
-0.5
0.32
V
VIH-SMB (1.8V) Input High Voltage for SMBus pins at 1.8V
1.48
2.12
V
VOL-SMB (1.8V) Output Low Voltage for SMBus pins at 1.8V
0.32
V
VOH-SMB (1.8V) Output High Voltage for SMBus pins at 1.8V
1.48
2.12
V
IPULLUP-SMB
Current through Pull-up Resistor or
Current Source for SMBus pins
100
350
μA
ILEAK-SMB
Input Leakage Current – SMBus pins
±8
μA
Note 1:
Does not include current consumption due to external loading on pins.
2:
Sample mode current is specified during an A/D inactive cycle. Sample mode average current can be
calculated using the formula: Average Sample Mode Supply Current = (IDDRUN + (n – 1) * IDDINS)/n; where
“n” is the programmed sample rate.
3:
A/D accuracy is maintained between 2.7 volts and 4.5 volts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com