Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4922-E/MS Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP4922-E/MS
Description  12-Bit DAC with SPI??Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4922-E/MS Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP4922-E/MS Datasheet HTML 22Page - Microchip Technology MCP4922-E/MS Datasheet HTML 23Page - Microchip Technology MCP4922-E/MS Datasheet HTML 24Page - Microchip Technology MCP4922-E/MS Datasheet HTML 25Page - Microchip Technology MCP4922-E/MS Datasheet HTML 26Page - Microchip Technology MCP4922-E/MS Datasheet HTML 27Page - Microchip Technology MCP4922-E/MS Datasheet HTML 28Page - Microchip Technology MCP4922-E/MS Datasheet HTML 29Page - Microchip Technology MCP4922-E/MS Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
MCP4921/4922
DS21897B-page 26
© 2007 Microchip Technology Inc.
6.8
Building A Programmable Current
Source
Example 6-6 illustrates a variation on a voltage follower
design where a sense resistor is used to convert the
DAC’s voltage output into a digitally-selectable current
source.
Adding the resistor network from Example 6-2 would
be advantageous in this application. The smaller Rsense
is, the less power dissipated across it. However, this
also reduces the resolution that the current can be
controlled with. The voltage divider, or “window”, DAC
configuration would allow the range to be reduced, thus
increasing resolution around the range of interest.
When working with very small sensor voltages, plan on
eliminating the amplifier's offset error by storing the
DAC's setting under known sensor conditions.
EXAMPLE 6-6:
Digitally-Controlled Current
Source.
6.9
Using Multiplier Mode
The MCP492X is ideally suited for use as a multiplier/
divider in a signal chain. Common applications include:
precision programmable gain/attenuator amplifiers and
loop controls (motor feedback). The wide input range
(0V – VDD) is an Unbuffered mode and near R-R range
in Buffered mode: the > 400 kHz bandwidth, selectible
1x/2x gain and its low power consumption give
maximum flexibility to meet the application's needs.
To configure the MCP492X in Multiplier mode, connect
the input signal to VREF and serially configure the
DAC’s input buffer, gain and output value. The DAC’s
output can utilize any of Examples 6-1 to 6-6, depend-
ing on the application requirements. Example 6-7 is an
illustration of how the DAC can operate in a motor
control feedback loop.
If the Gain Select bit is configured for 1x mode (GA =1),
the resulting input signal will be attenuated by D/4096.
If the Gain Select bit is configured for 2x mode (GA =0),
codes < 2048 attenuate the signal, while codes > 2048
gain the signal. VOUT = VIN (D/2048).
A 12-bit DAC provides significantly more gain/attenua-
tion resolution when compared to typical Programmable
Gain Amplifiers. Adding an op amp to buffer the output,
as illustrated in Examples 6-2 to 6-6, extends the
output range and power to meet the precise needs of
the application.
EXAMPLE 6-7:
Multiplier Mode.
VREF
MCP492X
Rsense
Ib
LOAD
IL
VDD
SPI™
3
VCC+
VCC–
VOUT
G = Gain select (1x or 2x)
D = Digital value of DAC (0 – 4096)
I
L
V
OUT
R
se nse
---------------
β
β 1
+
------------
×
=
V
OUT
V
REFG
D
2
12
-------
=
I
b
I
L
β
----
=
VCC+
VCC–
VREF
MCP492X
VRPM
+
–
VDD
SPI™
3
VOUT
Rsense
VRPM_SET
Z
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com