Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2070 Datasheet(PDF) 6 Page - Microchip Technology

Part # PS2070
Description  Switch Mode Charger Evaluation Board
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS2070 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PS2070 Datasheet HTML 2Page - Microchip Technology PS2070 Datasheet HTML 3Page - Microchip Technology PS2070 Datasheet HTML 4Page - Microchip Technology PS2070 Datasheet HTML 5Page - Microchip Technology PS2070 Datasheet HTML 6Page - Microchip Technology PS2070 Datasheet HTML 7Page - Microchip Technology PS2070 Datasheet HTML 8Page - Microchip Technology PS2070 Datasheet HTML 9Page - Microchip Technology PS2070 Datasheet HTML 10Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PS2070
DS21927A-page 6
 2005 Microchip Technology Inc.
PHost
Plug, inverted Combicon, 5.08 mm pitch x 5 positions,
12A/250V
Phoenix
1786433
1
Q1
MOSFET, P-channel Enhancement mode, -30V, -5.3A,
50 mOhms, 2.5W, SO-8, -55°C to +125°C
Fairchild Semi.
NDS9435A
1
R13
Resistor, film, 1206, 1%, 1.00 kOhms
Panasonic
ERJ-8ENF1001V
1
R7
Resistor, film, 1206, 1%, 1.27 kOhms
Panasonic
ERJ-8ENF1271V
1
R3, R18-R20
Resistor, film, 1206, 1%, 10.0 kOhms
Panasonic
ERJ-8ENF1002V
4
R22
Resistor, film, 1206, 1%, 10.5 kOhms
Panasonic
ERJ-8ENF1052V
1
R33
Resistor, film, 1206, 1%, 100 kOhms
Panasonic
ERJ-8ENF1003V
1
R34
Resistor, film, 1206, 1%, 137 kOhms
Panasonic
ERJ-8ENF1373V
1
R14
Resistor, film, 1206, 1%, 19.6 kOhms
Panasonic
ERJ-8ENF1962V
1
R5, R8-R9, R12
Resistor, film, 1206, 1%, 20.0 kOhms
Panasonic
ERJ-8ENF2002V
4
R23
Resistor, film, 1206, 1%, 20.5 kOhms
Panasonic
ERJ-8ENF2052V
1
R21
Resistor, film, 1206, 1%, 232 ohms
Panasonic
ERJ-8ENF2320V
1
R31
Resistor, film, 1206, 1%, 26.7 kOhms
Panasonic
ERJ-8ENF2672V
1
R6
Resistor, film, 1206, 1%, 3.01 kOhms
Panasonic
ERJ-8ENF3011V
1
R24
Resistor, film, 1206, 1%, 30.9 kOhms
Panasonic
ERJ-8ENF3092V
1
R32
Resistor, film, 1206, 1%, 63.4 kOhms
Panasonic
ERJ-8ENF6342V
1
R2, R4, R10, R11
Resistor, film, 1206, 5%, 1.5 kOhms
Panasonic
ERJ-8GEYJ152V
4
R30
Resistor, film, 1206, 5%, 47 ohms
Panasonic
ERJ-8GEYJ470V
1
R40
Resistor, metal strip, 2512, 1%, 0.100 ohms
Vishay
WSL2512-0.100-1%-R86
1
R1
Resistor, film, 2512, 5%, 620 ohms
Panasonic
ERJ-1TYJ621U
1
RST
Switch, SPST momentary tact, surface mount,
6 mm square, 4.3 mm high, 260 G-force
E-Switch
TL3301NF260QG
1
DUT
IC, Battery Charger Microcontroller, 20-pin DIP,
-40°C to +85°C
Microchip
PS200
1
U1
IC, Power MOSFET Driver circuit, 30V, 1.5A, inverting,
with UV lockout, SO-8, 0°C to +70°C
Microchip
TC4431COA
1
TABLE 4-1:
PS2070 BILL OF MATERIALS (CONTINUED)
Symbols
Description
Manufacturer
Manufacturer PN
Qty.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com