Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6274T-E/MS Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP6274T-E/MS
Description  170 關A, 2 MHz Rail-to-Rail Op Amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6274T-E/MS Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP6274T-E/MS Datasheet HTML 12Page - Microchip Technology MCP6274T-E/MS Datasheet HTML 13Page - Microchip Technology MCP6274T-E/MS Datasheet HTML 14Page - Microchip Technology MCP6274T-E/MS Datasheet HTML 15Page - Microchip Technology MCP6274T-E/MS Datasheet HTML 16Page - Microchip Technology MCP6274T-E/MS Datasheet HTML 17Page - Microchip Technology MCP6274T-E/MS Datasheet HTML 18Page - Microchip Technology MCP6274T-E/MS Datasheet HTML 19Page - Microchip Technology MCP6274T-E/MS Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
MCP6271/1R/2/3/4/5
DS21810E-page 16
© 2006 Microchip Technology Inc.
4.9.3
CASCADED OP AMP
APPLICATIONS
The MCP6275 provides the flexibility of Low power
mode for dual op amps in an 8-pin package. The
MCP6275 eliminates the added cost and space in a
battery powered application by using two single op
amps with Chip Select (CS) lines or a 10-pin device
with one CS line for both op amps. Since the two op
amps are internally cascaded, this device cannot be
used in circuits that require active or passive elements
between the two op amps. However, there are several
applications where this op amp configuration with a CS
line becomes suitable. The circuits below show
possible applications for this device.
4.9.3.1
Load Isolation
With the cascaded op amp configuration, op amp B can
be used to isolate the load from op amp A. In
applications where op amp A is driving capacitive or
low resistive loads in the feedback loop (such as an
integrator or filter circuit) the op amp may not have
sufficient source current to drive the load. In this case,
op amp B can be used as a buffer.
FIGURE 4-10:
Isolating the Load with a
Buffer.
4.9.3.2
Cascaded Gain
Figure 4-11 shows a cascaded gain circuit configura-
tion with Chip Select. Op amps A and B are configured
in a non-inverting amplifier configuration. In this
configuration, it is important to note that the input offset
voltage of op amp A is amplified by the gain of op amp
A and B, as shown below:
Therefore, it is recommended that you set most of the
gain with op amp A and use op amp B with relatively
small gain (e.g., a unity gain buffer).
FIGURE 4-11:
Cascaded Gain Circuit
Configuration.
4.9.3.3
Difference Amplifier
Figure 4-12 shows op amp A configured as a difference
amplifier with Chip Select. In this configuration, it is
recommended that well matched resistors (e.g., 0.1%)
be used to increase the Common Mode Rejection Ratio
(CMRR). Op amp B can be used to provide additional
gain and isolate the load from the difference amplifier.
FIGURE 4-12:
Difference Amplifier Circuit.
4.9.3.4
Inverting Integrator with Active
Compensation and Chip Select
Figure 4-13 uses an active compensator (op amp B) to
compensate for the non-ideal op amp characteristics
introduced at higher frequencies. This circuit uses
op amp B as a unity gain buffer to isolate the
integration capacitor C1 from op amp A and drives the
capacitor with a low impedance source. Since both op
amps are matched very well, they provide a high quality
integrator.
FIGURE 4-13:
Integrator Circuit with Active
Compensation.
A
CS
VOUTB
MCP6275
B
Load
VOUT
VINGAGB VOSAGAGB VOSBGB
+
+
=
Where:
GA
=
op amp A gain
GB
=
op amp B gain
VOSA
=
op amp A input offset voltage
VOSB
=
op amp B input offset voltage
A
CS
R4
R3
R2
R1
VIN
VOUT
MCP6275
B
A
CS
R2
R1
R4
R3
VOUT
MCP6275
VIN2
B
R2
R1
VIN1
A
CS
R1
C1
VOUT
MCP6275
VIN
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com