Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP23S08T-E/P Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP23S08T-E/P
Description  8-Bit I/O Expander with Serial Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S08T-E/P Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP23S08T-E/P Datasheet HTML 24Page - Microchip Technology MCP23S08T-E/P Datasheet HTML 25Page - Microchip Technology MCP23S08T-E/P Datasheet HTML 26Page - Microchip Technology MCP23S08T-E/P Datasheet HTML 27Page - Microchip Technology MCP23S08T-E/P Datasheet HTML 28Page - Microchip Technology MCP23S08T-E/P Datasheet HTML 29Page - Microchip Technology MCP23S08T-E/P Datasheet HTML 30Page - Microchip Technology MCP23S08T-E/P Datasheet HTML 31Page - Microchip Technology MCP23S08T-E/P Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
MCP23008/MCP23S08
DS21919D-page 28
© 2007 Microchip Technology Inc.
FIGURE 2-5:
SPI INPUT TIMING
109
Output Valid From Clock:
TAA
100 kHz mode
—
—
3.45
µs
1.8V – 5.5V (I-Temp)
400 kHz mode
—
—
0.9
µs
2.7V – 5.5V (I-Temp)
1.7 MHz mode
—
—
0.18
µs
4.5V – 5.5V (E-Temp)
110
Bus Free Time:
TBUF
100 kHz mode
4.7
—
—
µs
1.8V – 5.5V (I-Temp)
400 kHz mode
1.3
—
—
µs
2.7V – 5.5V (I-Temp)
1.7 MHz mode
N/A
—
N/A
µs
4.5V – 5.5V (E-Temp)
Bus Capacitive Loading:
CB
100 kHz and 400 kHz
—
—
400
pF
(Note 1)
1.7 MHz
—
—
100
pF
(Note 1)
Input Filter Spike
Suppression: (SDA and SCL)
TSP
100 kHz and 400 kHz
—
—
50
ns
1.7 MHz
—
—
10
ns
Spike suppression off
TABLE 2-2:
I2C™ BUS DATA REQUIREMENTS (CONTINUED)
I2C™ AC Characteristics
Operating Conditions (unless otherwise indicated):
1.8V
≤ VDD ≤ 5.5V at -40°C ≤ TA ≤ +85°C (I-Temp)
4.5V
≤ VDD ≤ 5.5V at -40°C ≤ TA ≤ +125°C (E-Temp) (Note 1)
RPU (SCL, SDA) = 1 k
Ω, CL (SCL, SDA) = 135 pF
Param
No.
Characteristic
Sym
Min
Typ
Max
Units Conditions
Note 1: This parameter is characterized, not 100% tested.
2: CB is specified to be from 10 to 400 pF.
CS
SCK
SI
SO
1
5
4
7
6
3
10
2
LSb in
MSb in
high-impedance
11
Mode 1,1
Mode 0,0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com