Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCN75AVOA Datasheet(PDF) 19 Page - Microchip Technology

Part # TCN75AVOA
Description  2-Wire Serial Temperature Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCN75AVOA Datasheet(HTML) 19 Page - Microchip Technology

Back Button TCN75AVOA Datasheet HTML 15Page - Microchip Technology TCN75AVOA Datasheet HTML 16Page - Microchip Technology TCN75AVOA Datasheet HTML 17Page - Microchip Technology TCN75AVOA Datasheet HTML 18Page - Microchip Technology TCN75AVOA Datasheet HTML 19Page - Microchip Technology TCN75AVOA Datasheet HTML 20Page - Microchip Technology TCN75AVOA Datasheet HTML 21Page - Microchip Technology TCN75AVOA Datasheet HTML 22Page - Microchip Technology TCN75AVOA Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
© 2006 Microchip Technology Inc.
DS21935C-page 19
TCN75A
5.3.4
TEMPERATURE LIMIT-SET
REGISTER (TSET)
The TCN75A has a 16-bit read/write Temperature
Limit-Set register (TSET) which contains a 9-bit data in
two’s compliment format. This data represents a maxi-
mum temperature limit. If the ambient temperature
exceeds this specified limit, the TCN75A asserts an
alert output. (Refer to Section 5.3.4.3 “ALERT Output
Configuration”).
This register uses the nine Most Significant bits (MSbs)
and all other bits are “don’t cares”.
The power-up default value of the TSET register is
80°C, or <0101 0000 0>b in binary.
REGISTER 5-5:
TEMPERATURE LIMIT-SET REGISTER (TSET) - ADDRESS <0000 0011>b
Upper Half:
R/W-0
R/W-1
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
Sign
26 °C
25 °C
24 °C
23 °C
22 °C
21 °C
20 °C
bit 15
bit 8
Lower Half:
R/W-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
2-1 °C
0
0
0
0
0
0
0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com