Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP23S08-E/P Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP23S08-E/P
Description  8-Bit I/O Expander with Serial Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S08-E/P Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP23S08-E/P Datasheet HTML 22Page - Microchip Technology MCP23S08-E/P Datasheet HTML 23Page - Microchip Technology MCP23S08-E/P Datasheet HTML 24Page - Microchip Technology MCP23S08-E/P Datasheet HTML 25Page - Microchip Technology MCP23S08-E/P Datasheet HTML 26Page - Microchip Technology MCP23S08-E/P Datasheet HTML 27Page - Microchip Technology MCP23S08-E/P Datasheet HTML 28Page - Microchip Technology MCP23S08-E/P Datasheet HTML 29Page - Microchip Technology MCP23S08-E/P Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
MCP23008/MCP23S08
DS21919D-page 26
© 2007 Microchip Technology Inc.
TABLE 2-1:
DEVICE RESET SPECIFICATIONS
FIGURE 2-3:
I2C™ BUS START/STOP BITS TIMING
FIGURE 2-4:
I2C™ BUS DATA TIMING
AC Characteristics
Operating Conditions (unless otherwise indicated):
1.8V
≤ VDD ≤ 5.5V at -40°C ≤ TA ≤ +85°C (I-Temp)
4.5V
≤ VDD ≤ 5.5V at -40°C ≤ TA ≤ +125°C (E-Temp) (Note 1)
Param
No.
Characteristic
Sym
Min
Typ(1)
Max
Units
Conditions
30
RESET Pulse Width
(Low)
TRSTL1
—
—
µs
32
Device Active After
RESET high
THLD
—0
—
µs
VDD = 5.0V
34
Output High-Impedance
From RESET Low
TIOZ
——
1
µs
Note 1: This parameter is characterized, not 100% tested.
91
93
SCL
SDA
START
Condition
STOP
Condition
90
92
90
91
92
100
101
103
106
107
109
109
110
102
SCL
SDA
In
SDA
Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com