Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4426AM Datasheet(PDF) 7 Page - Microchip Technology

Part # TC4426AM
Description  1.5A Dual High-Speed Power MOSFET Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4426AM Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC4426AM_05 Datasheet HTML 3Page - Microchip Technology TC4426AM_05 Datasheet HTML 4Page - Microchip Technology TC4426AM_05 Datasheet HTML 5Page - Microchip Technology TC4426AM_05 Datasheet HTML 6Page - Microchip Technology TC4426AM_05 Datasheet HTML 7Page - Microchip Technology TC4426AM_05 Datasheet HTML 8Page - Microchip Technology TC4426AM_05 Datasheet HTML 9Page - Microchip Technology TC4426AM_05 Datasheet HTML 10Page - Microchip Technology TC4426AM_05 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© 2005 Microchip Technology Inc.
DS21939A-page 7
TC4426AM/TC4427AM/TC4428AM
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Inputs A & B (IN A and IN B)
MOSFET driver IN A & B are high-impedance,
TTL/CMOS-compatible inputs. These inputs also have
300 mV of hysteresis between the high and low
thresholds, which prevents output glitching even when
the rise and fall time of the input signal is very slow.
3.2
Ground (GND)
The GND pin is the return path for both the bias current
and the high peak current that discharges the external
load capacitance. The ground pin should be tied into a
ground plane or have a very short trace to the bias sup-
ply source return.
3.3
Outputs A & B (OUT A and OUT B)
MOSFET driver OUT A & B are low-impedance,
CMOS, push-pull style outputs. The pull-down and pull-
up devices are of equal strength, making the rise and
fall times equivalent.
3.4
Supply Input (VDD)
The VDD input is the bias supply for the MOSFET driver
and is rated for 4.5V to 18V, with respect to the ground
pin. The VDD input should be bypassed with local
ceramic capacitors. The value of these capacitors
should be chosen based on the capacitive load that is
being driven.
8-Pin
CERDIP
Symbol
Description
1
NC
No connection
2
IN A
Input A
3
GND
Ground
4
IN B
Input B
5
OUT B
Output B
6VDD
Supply input
7
OUT A
Output A
8
NC
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com