Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4922T-E/ST Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP4922T-E/ST
Description  12-Bit DAC with SPI??Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4922T-E/ST Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP4922T-E/ST Datasheet HTML 34Page - Microchip Technology MCP4922T-E/ST Datasheet HTML 35Page - Microchip Technology MCP4922T-E/ST Datasheet HTML 36Page - Microchip Technology MCP4922T-E/ST Datasheet HTML 37Page - Microchip Technology MCP4922T-E/ST Datasheet HTML 38Page - Microchip Technology MCP4922T-E/ST Datasheet HTML 39Page - Microchip Technology MCP4922T-E/ST Datasheet HTML 40Page - Microchip Technology MCP4922T-E/ST Datasheet HTML 41Page - Microchip Technology MCP4922T-E/ST Datasheet HTML 42Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
© 2007 Microchip Technology Inc.
DS21897B-page 39
MCP4921/4922
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP4921:
12-Bit DAC with SPI Interface
MCP4921T:
12-Bit DAC with SPI Interface
(Tape and Reel) (SOIC, MSOP)
MCP4922:
12-Bit DAC with SPI Interface
MCP4922T:
12-Bit DAC with SPI Interface
(Tape and Reel) (SOIC, MSOP)
Temperature Range:
E
= -40°C to +125°C
Package:
MS = Plastic MSOP, 8-lead
P
= Plastic DIP (300 mil Body), 8-lead, 14-lead
SN = Plastic SOIC, (150 mil Body), 8-lead
SL
= Plastic SOIC (150 mil Body), 14-lead
ST
= Plastic TSSOP (4.4mm Body), 14-lead
Examples:
a)
MCP4921T-E/SN:
Tape and Reel
Extended Temperature,
8LD SOIC package.
b)
MCP4921T-E/MS:
Tape and Reel
Extended Temperature,
8LD MSOP package.
c)
MCP4921-E/SN:
Extended Temperature,
8LD SOIC package.
d)
MCP4921-E/MS:
Extended Temperature,
8LD MSOP package.
e)
MCP4921-E/P:
Extended Temperature,
8LD PDIP package.
a)
MCP4922T-E/SL:
Tape and Reel
Extended Temperature,
14LD SOIC package.
b)
MCP4922T-E/ST:
Tape and Reel
Extended Temperature,
14LD TSSOP package.
c)
MCP4922-E/P:
Extended Temperature,
14LD PDIP package.
d)
MCP4922-E/SL:
Extended Temperature,
14LD SOIC package.
e)
MCP4922-E/ST:
Extended Temperature,
14LD TSSOP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com