Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6274-E/P Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP6274-E/P
Description  170 關A, 2 MHz Rail-to-Rail Op Amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6274-E/P Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP6274-E/P Datasheet HTML 4Page - Microchip Technology MCP6274-E/P Datasheet HTML 5Page - Microchip Technology MCP6274-E/P Datasheet HTML 6Page - Microchip Technology MCP6274-E/P Datasheet HTML 7Page - Microchip Technology MCP6274-E/P Datasheet HTML 8Page - Microchip Technology MCP6274-E/P Datasheet HTML 9Page - Microchip Technology MCP6274-E/P Datasheet HTML 10Page - Microchip Technology MCP6274-E/P Datasheet HTML 11Page - Microchip Technology MCP6274-E/P Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
MCP6271/1R/2/3/4/5
DS21810E-page 8
© 2006 Microchip Technology Inc.
TYPICAL PERFORMANCE CURVES (Continued)
Note: Unless otherwise indicated, TA = +25°C, VCM = +2.0V to +5.5V, VSS = GND, VCM =VDD/2, VOUT ≈ VDD/2,
RL =10kΩ to VDD/2, CL = 60 pF, and CS is tied low.
FIGURE 2-19:
Maximum Output Voltage
Swing vs. Frequency.
FIGURE 2-20:
Input Noise Voltage Density
vs. Frequency.
FIGURE 2-21:
Output Short Circuit Current
vs. Supply Voltage.
FIGURE 2-22:
Slew Rate vs. Temperature.
FIGURE 2-23:
Input Noise Voltage Density
vs. Common Mode Input Voltage, with f = 1 kHz.
FIGURE 2-24:
Channel-to-Channel
Separation vs. Frequency (MCP6272 and
MCP6274).
0.1
1
10
Frequency (Hz)
VDD = 2.0V
1k
10k
100k
1M
VDD = 5.5V
10M
10
100
1,000
1.E-
01
1.E+
00
1.E+
01
1.E+
02
1.E+
03
1.E+
04
1.E+
05
1.E+
06
Frequency (Hz)
0.1
100
10
1k
100k
10k
1M
1
0
5
10
15
20
25
30
35
0.00.5 1.01.5 2.0 2.5 3.0 3.5 4.04.5 5.05.5
Power Supply Voltage (V)
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
Falling Edge
VDD = 5.5V
VDD = 2.0V
Rising Edge
0
5
10
15
20
25
Common Mode Input Voltage (V)
f = 1 kHz
VDD = 5.0V
100
110
120
130
140
1
10
100
Frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com