Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24FC1025-E/P Datasheet(PDF) 16 Page - Microchip Technology

Part # 24FC1025-E/P
Description  1024K I2C??CMOS Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC1025-E/P Datasheet(HTML) 16 Page - Microchip Technology

Back Button 24FC1025-E/P Datasheet HTML 12Page - Microchip Technology 24FC1025-E/P Datasheet HTML 13Page - Microchip Technology 24FC1025-E/P Datasheet HTML 14Page - Microchip Technology 24FC1025-E/P Datasheet HTML 15Page - Microchip Technology 24FC1025-E/P Datasheet HTML 16Page - Microchip Technology 24FC1025-E/P Datasheet HTML 17Page - Microchip Technology 24FC1025-E/P Datasheet HTML 18Page - Microchip Technology 24FC1025-E/P Datasheet HTML 19Page - Microchip Technology 24FC1025-E/P Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
24AA1025/24LC1025/24FC1025
DS21941E-page 16
Preliminary
© 2007 Microchip Technology Inc.
APPENDIX A:
REVISION HISTORY
Revision A
Original release.
Revision B
Section 1.0 Electrical Characteristics: revised Ambient
Temperature; Revised Table 1-1; Revised Section 2.1
and Section 2.5.
Revision C
Revised Features, Maximum Read Current and Table
1-1, D9; Revised Table 2-1, VCC; Revised Section 6.3.
Revision D (01/2007)
Revised Device Selection Table; Features Section;
Changed 1.8V to 1.7V; Revised Tables 1-1, 1-2, 2-1;
Revised Product ID System; Replaced Package
Drawings.
Revision E (03/2007)
Replaced Package Drawings (Rev. AM).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com