Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3550 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP3550
Description  Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3550 Datasheet(HTML) 2 Page - Microchip Technology

  MCP3550 Datasheet HTML 1Page - Microchip Technology MCP3550 Datasheet HTML 2Page - Microchip Technology MCP3550 Datasheet HTML 3Page - Microchip Technology MCP3550 Datasheet HTML 4Page - Microchip Technology MCP3550 Datasheet HTML 5Page - Microchip Technology MCP3550 Datasheet HTML 6Page - Microchip Technology MCP3550 Datasheet HTML 7Page - Microchip Technology MCP3550 Datasheet HTML 8Page - Microchip Technology MCP3550 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
MCP3550/1/3
DS21950D-page 2
© 2007 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Maximum Ratings*
VDD...................................................................................7.0V
All inputs and outputs w.r.t VSS .............. -0.3V to VDD + 0.3V
Difference Input Voltage ....................................... |VDD - VSS|
Output Short Circuit Current ................................. Continuous
Current at Input Pins ....................................................±2 mA
Current at Output and Supply Pins ............................±10 mA
Storage Temperature.....................................-65°C to +150°C
Ambient temp. with power applied ................-55°C to +125°C
ESD protection on all pins (HBM, MM)
............ ≥ 6kV, ≥ 400V
Maximum Junction Temperature (TJ) . .........................+150°C
† Notice: Stresses above those listed under "Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operation listings of this specification is not implied. Exposure
to maximum rating conditions for extended periods may affect
device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, all parameters apply at -40°C
≤ TA ≤ +85°C, VDD = 2.7V or 5.0V.
VREF = 2.5V. VIN+ = VIN- = VCM = VREF/2. All ppm units use 2*VREF as full-scale range. Unless otherwise noted, specification
applies to entire MCP3550/1/3 family.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Noise Performance (MCP3550/1)
No Missing Codes
NMC
22
—
—
bits
At DC (Note 5)
Output Noise
eN
—2.5
—
µVRMS
Effective Resolution
ER
—
21.9
—
bits RMS
VREF = 5V
Noise Performance (MCP3553)
No Missing Codes
NMC
20
—
—
bits
At DC (Note 5)
Output Noise
eN
—6
—
µVRMS
Effective Resolution
ER
—
20.6
—
bits RMS
VREF = 5V
Conversion Times
MCP3550-50
tCONV
-1.0%
80
+1.0%
ms
MCP3550-60
tCONV
-1.0%
66.67
+1.0%
ms
MCP3551
tCONV
-1.0%
72.73
+1.0%
ms
MCP3553
tCONV
-1.0%
16.67
+1.0%
ms
Accuracy
Integral Non-Linearity
INL
—
±2
6
ppm
TA = +25°C only (Note 2)
Offset Error
VOS
-12
±3
+12
µV
TA = +25°C
—±4
—
µV
TA = +85°C
—±6
—
µV
TA = +125°C
Positive Full-Scale Error
VFS,P
-10
±2
+10
ppm
TA = +25°C only
Negative Full-Scale Error
VFS,N
-10
±2
+10
ppm
TA = +25°C only
Offset Drift
—
0.040
—
ppm/°C
Positive/Negative Full-Scale Error
Drift
—
0.028
—
ppm/°C
Note
1:
This parameter is established by characterization and not 100% tested.
2:
INL is the difference between the endpoints line and the measured code at the center of the quantization band.
3:
This current is due to the leakage current and the current due to the offset voltage between VIN+ and VIN-.
4:
Input impedance is inversely proportional to clock frequency; typical values are for the MCP3550/1 device. VREF =5V.
5:
Characterized by design, but not tested.
6:
Rejection performance depends on internal oscillator accuracy; see Section 4.0 “Device Overview” for more informa-
tion on oscillator and digital filter design. MCP3550/1 device rejection specifications characterized from 49 to 61 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com