Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73831 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP73831
Description  Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73831 Datasheet(HTML) 4 Page - Microchip Technology

  MCP73831 Datasheet HTML 1Page - Microchip Technology MCP73831 Datasheet HTML 2Page - Microchip Technology MCP73831 Datasheet HTML 3Page - Microchip Technology MCP73831 Datasheet HTML 4Page - Microchip Technology MCP73831 Datasheet HTML 5Page - Microchip Technology MCP73831 Datasheet HTML 6Page - Microchip Technology MCP73831 Datasheet HTML 7Page - Microchip Technology MCP73831 Datasheet HTML 8Page - Microchip Technology MCP73831 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MCP73831/2
DS21984B-page 4
© 2006 Microchip Technology Inc.
Preconditioning Current Regulation (Trickle Charge Constant-Current Mode)
Precondition Current
Ratio
IPREG / IREG
7.5
10
12.5
%
PROG = 2.0 k
Ω to 10 kΩ
15
20
25
%
PROG = 2.0 k
Ω to 10 kΩ
30
40
50
%
PROG = 2.0 k
Ω to 10 kΩ
100
%
No Preconditioning
TA = -5°C to +55°C
Precondition Voltage
Threshold Ratio
VPTH / VREG
64
66.5
69
%
VBAT Low-to-High
69
71.5
74
%
VBAT Low-to-High
Precondition Hysteresis
VPHYS
—110
mV
VBAT High-to-Low
Charge Termination
Charge Termination
Current Ratio
ITERM / IREG
3.75
5
6.25
%
PROG = 2.0 k
Ω to 10 kΩ
5.6
7.5
9.4
%
PROG = 2.0 k
Ω to 10 kΩ
7.5
10
12.5
%
PROG = 2.0 k
Ω to 10 kΩ
15
20
25
%
PROG = 2.0 k
Ω to 10 kΩ
TA = -5°C to +55°C
Automatic Recharge
Recharge Voltage
Threshold Ratio
VRTH / VREG
91.5
94.0
96.5
%
VBAT High-to-Low
94
96.5
99
%
VBAT High-to-Low
Pass Transistor ON-Resistance
ON-Resistance
RDSON
—350
m
Ω
VDD = 3.75V, TJ = 105°C
Battery Discharge Current
Output Reverse Leakage
Current
IDISCHARGE
—0.15
2
μA
PROG Floating
—0.25
2
μAVDD Floating
—0.15
2
μAVDD < VSTOP
-5.5
-15
μA
Charge Complete
Status Indicator – STAT
Sink Current
ISINK
——
25
mA
Low Output Voltage
VOL
—0.4
1
V
ISINK = 4 mA
Source Current
ISOURCE
——
35
mA
High Output Voltage
VOH
—VDD-0.4
VDD - 1
V
ISOURCE = 4 mA (MCP73831)
Input Leakage Current
ILK
—0.03
1
μA
High-Impedance
PROG Input
Charge Impedance
Range
RPROG
2—
20
k
Ω
Minimum Shutdown
Impedance
RPROG
70
200
k
Ω
Automatic Power Down
Automatic Power Down
Entry Threshold
VPDENTER
VDD<(VBAT
+20mV)
VDD<(VBAT
+50mV)
—3.5V
≤ VBAT ≤ VREG
VDD Falling
Automatic Power Down
Exit Threshold
VPDEXIT
—VDD<(VBAT
+150mV)
VDD<(VBAT
+200mV)
3.5V
≤ VBAT ≤ VREG
VDD Rising
Thermal Shutdown
Die Temperature
TSD
—150
°C
Die Temperature
Hysteresis
TSDHYS
—10
°C
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD= [VREG(typ.) + 0.3V] to 6V, TA = -40°C to +85°C.
Typical values are at +25°C, VDD = [VREG (typ.) + 1.0V]
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note
1:
Not production tested. Ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com