Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8705 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8705
Description  6-bit high-speed dual Analog-to-Digital Converter ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8705 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8705 Datasheet HTML 4Page - NXP Semiconductors TDA8705 Datasheet HTML 5Page - NXP Semiconductors TDA8705 Datasheet HTML 6Page - NXP Semiconductors TDA8705 Datasheet HTML 7Page - NXP Semiconductors TDA8705 Datasheet HTML 8Page - NXP Semiconductors TDA8705 Datasheet HTML 9Page - NXP Semiconductors TDA8705 Datasheet HTML 10Page - NXP Semiconductors TDA8705 Datasheet HTML 11Page - NXP Semiconductors TDA8705 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1996 Jan 12
8
Philips Semiconductors
Product specification
6-bit high-speed dual Analog-to-Digital
Converter (ADC)
TDA8705
Notes
1. In addition to a good layout of the digital and analog ground, it is recommended that the rise and fall times of the clock
must not be less than 1 ns.
2. Analog input voltages producing code 00 up to and including 3F:
a) VosB (voltage offset BOTTOM) is the difference between the analog input which produces data equal to 00 and
the reference voltage BOTTOM (VRB) at Tamb =25 °C.
b) VosT (voltage offset TOP) is the difference between VRT (reference voltage TOP) and the analog input which
produces data outputs equal to 3F at Tamb =25 °C.
3. Full-scale sine wave (fi = 10 MHz; fclk = 40 MHz).
4. The Offset Error (OFE) and Gain Error (GE) are determined by taking results from a simultaneous acquisition on both
ADCs of a sine wave greater than full-scale. The occurrences of code 0 and 63 are used to calculate the OFE
(mid-scale-to-mid-scale) and the GE (amplitude difference) between the two converters A and B.
5. The
−0.5 dB analog bandwidth is determined by the 0.5 dB reduction in the reconstructed output, the input being a
full-scale sine wave. It is determined with a beat frequency method; no glitches occurrence.
6. The analog input settling time is the minimum time required for the input signal to be stabilized after a sharp full-scale
input (square-wave signal) in order to sample the signal and obtain correct output data.
7. Effective bits are obtained via a Fast Fourier Transform (FFT) treatment taking 8K acquisition points per equivalent
fundamental period. The calculation takes into account all harmonics and noise up to half of the clock frequency
(NYQUIST frequency). Conversion to signal-to-noise ratio: S/N = EB
× 6.02 + 1.76 dB.
8. Intermodulation measured relative to either tone with analog input frequencies of 10.0 MHz and 10.1 MHz. The two
input signals have the same amplitude and the total amplitude of both signals provides full scale to the converter.
9. Output data acquisition: the output data is available after the maximum delay time of td.
BIT ERROR RATE
BER
bit error rate
fclk = 40 MHz;
fi = 10 MHz;
VI = ±16 LSB at code 32
−
10−13
−
times/
samples
Timing; fclk = 40 MHz; CL = 15 pF; note 9; see Fig.3
tds
sampling delay time
−−
2ns
th
output hold time
5
−−
ns
td
output delay time
−−
14
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com