Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1403 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1403
Description  4.5A Dual High-Speed Power MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1403 Datasheet(HTML) 1 Page - Microchip Technology

  MCP1403 Datasheet HTML 1Page - Microchip Technology MCP1403 Datasheet HTML 2Page - Microchip Technology MCP1403 Datasheet HTML 3Page - Microchip Technology MCP1403 Datasheet HTML 4Page - Microchip Technology MCP1403 Datasheet HTML 5Page - Microchip Technology MCP1403 Datasheet HTML 6Page - Microchip Technology MCP1403 Datasheet HTML 7Page - Microchip Technology MCP1403 Datasheet HTML 8Page - Microchip Technology MCP1403 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© 2007 Microchip Technology Inc.
DS22022B-page 1
MCP1403/4/5
Features
• High Peak Output Current: 4.5A (typ.)
• Low Shoot-Through/Cross-Conduction Current in
Output Stage
• Wide Input Supply Voltage Operating Range:
- 4.5V to 18V
• High Capacitive Load Drive Capability:
- 2200 pF in 15 ns
- 5600 pF in 34 ns
• Short Delay Times: 40 ns (typ.)
• Low Supply Current:
- With Logic ‘1’ Input – 1.0 mA (typ.)
- With Logic ‘0’ Input – 150 µA (typ.)
• Latch-Up Protected: Will Withstand 1.5A Reverse
Current
• Logic Input Will Withstand Negative Swing
Up To 5V
• Packages: 8-Pin SOIC, PDIP, 8-Pin 6x5 DFN,
and 16-Pin SOIC
Applications
• Switch Mode Power Supplies
• Pulse Transformer Drive
• Line Drivers
• Motor and Solenoid Drive
General Description
The MCP1403/4/5 are a family of dual-inverting, dual-
non-inverting, or complimentary output drivers. They
can delivery high peak currents of 4.5A typically into
capacitive loads. These devices also feature low shoot-
through
current,
matched
rise/fall
times
and
propagation delays.
The MCP1403/4/5 drivers operate from a 4.5V to 18V
single power supply and can easily charge and
discharge 2200 pF gate capacitance in under 15 ns
(typ). They provide low enough impedances in both the
on and off states to ensure the MOSFETs intended
state will not be affected, even by large transients. The
input to the MCP1403/4/5 may be driven directly from
either TTL or CMOS (3V to 18V).
The MCP1403/4/5 dual-output 4.5A driver family is
offered in both surface-mount and pin-through-hole
packages with a -40oC to +125oC temperature rating.
The low thermal resistance of the thermally enhanced
DFN package allows for greater power dissipation
capability for driving heavier capacitive or resistive
loads.
These devices are highly latch-up resistant under any
conditions within their power and voltage ratings. They
are not subject to damage when up to 5V of noise
spiking (of either polarity) occurs on the ground pin. All
terminals are fully protect against Electrostatic
Discharge (ESD) up to 4 kV.
Package Types
8-Pin DFN(2)
NC
IN A
GND
IN B
2
3
4
5
6
7
8
1
8-Pin
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
VDD
Note 1: Duplicate pins must both be connected for
proper operation.
2: Exposed pad of the DFN package is electrically
isolated.
MCP1403
MCP1404
NC
OUT A
OUT B
VDD
MCP1405
NC
OUT A
OUT B
VDD
1
2
3
4
5
6
7
8
16
13
12
11
10
9
NC
IN A
NC
GND
GND
NC
IN B
NC
NC
OUT A
VDD
VDD
OUT B
OUT B
NC
OUT A
15
14
16-Pin SOIC
NC
OUT A
VDD
VDD
OUT B
OUT B
NC
OUT A
OUT A
VDD
VDD
OUT B
OUT B
NC
OUT A
MCP1403
MCP1404
MCP1405
NC
NC
OUT A
OUT B
VDD
MCP1403
MCP1404
NC
OUT A
OUT B
VDD
MCP1405
NC
OUT A
OUT B
VDD
PDIP/SOIC
4.5A Dual High-Speed Power MOSFET Drivers


Similar Part No. - MCP1403

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1401 MICROCHIP-MCP1401 Datasheet
266Kb / 20P
Tiny 500 mA, High-Speed Power MOSFET Driver
MCP1401T-E/OT MICROCHIP-MCP1401T-E/OT Datasheet
266Kb / 20P
Tiny 500 mA, High-Speed Power MOSFET Driver
MCP1401T-E/OT MICROCHIP-MCP1401T-E/OT Datasheet
350Kb / 20P
Tiny 500 mA, High-Speed Power MOSFET Driver
03/25/14
MCP1401 MICROCHIP-MCP1401_14 Datasheet
350Kb / 20P
Tiny 500 mA, High-Speed Power MOSFET Driver
03/25/14
MCP1402 MICROCHIP-MCP1402 Datasheet
266Kb / 20P
Tiny 500 mA, High-Speed Power MOSFET Driver
More results

Similar Description - MCP1403

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7202C ELANTEC-EL7202C Datasheet
219Kb / 8P
High Speed, Dual Channel Power MOSFET Drivers
logo
Microchip Technology
TC426 MICROCHIP-TC426 Datasheet
461Kb / 16P
1.5A Dual High-Speed Power MOSFET Drivers
2002
TC4423 MICROCHIP-TC4423 Datasheet
71Kb / 9P
3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
logo
Intersil Corporation
ISL89410 INTERSIL-ISL89410 Datasheet
227Kb / 10P
High Speed, Dual Channel Power MOSFET Drivers
October 17, 2008
logo
Microchip Technology
TC4426A MICROCHIP-TC4426A_13 Datasheet
347Kb / 20P
1.5A Dual High-Speed Power MOSFET Drivers
11/27/12
TC4426AM MICROCHIP-TC4426AM_13 Datasheet
221Kb / 16P
1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
TC4423 MICROCHIP-TC4423_13 Datasheet
358Kb / 20P
3A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4424AVOA MICROCHIP-TC4424AVOA Datasheet
773Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC426COA713 MICROCHIP-TC426COA713 Datasheet
528Kb / 16P
1.5A Dual High-Speed Power MOSFET Drivers
02/16/06
logo
Intersil Corporation
ISL89410IP INTERSIL-ISL89410IP Datasheet
225Kb / 10P
High Speed, Dual Channel Power MOSFET Drivers
July 1, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com