Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1402 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP1402
Description  Tiny 500 mA, High-Speed Power MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1402 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP1402 Datasheet HTML 12Page - Microchip Technology MCP1402 Datasheet HTML 13Page - Microchip Technology MCP1402 Datasheet HTML 14Page - Microchip Technology MCP1402 Datasheet HTML 15Page - Microchip Technology MCP1402 Datasheet HTML 16Page - Microchip Technology MCP1402 Datasheet HTML 17Page - Microchip Technology MCP1402 Datasheet HTML 18Page - Microchip Technology MCP1402 Datasheet HTML 19Page - Microchip Technology MCP1402 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
© 2007 Microchip Technology Inc.
DS22052A-page 17
MCP1401/02
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP1401: 500 mA MOSFET Driver, Inverting
MCP1402: 500 mA MOSFET Driver, Non-Inverting
Tape and Reel
T = Tape and Reel
Temperature Range:
E
=
-40°C to +125°C
Package: *
OT = Plastic Thin Small Outline Transistor (OT) , 5-Lead
* All package offerings are Pb Free (Lead Free)
Examples:
a)
MCP1401T-E/OT: 500 mA Inverting
MOSFET Driver,
5LD SOT-23 package.
a)
MCP1402T-E/OT
500 mA Non-Inverting,
MOSFET Driver,
5LD SOT-23 package,
PART NO.
X
X
Temperature
Tape & Reel
Range
Device
XX
Package
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com