Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2140AT-I/SS Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP2140AT-I/SS
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140AT-I/SS Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP2140AT-I/SS Datasheet HTML 20Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 21Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 22Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 23Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 24Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 25Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 26Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 27Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
MCP2140A
DS22050A-page 24
© 2007 Microchip Technology Inc.
2.14
Migrating from the MCP2140 to the
MCP2140A
This section shows you in the major differences
between the MCP2140 and the MCP2140A. Your appli-
cation may have other sensitivities and a complete sys-
tem validation should be done.
Table 2-3 shows the differences and enhancements of
the MCP2140A in comparison to the MCP2140.
TABLE 2-3:
DIFFERENCE BETWEEN
MCP2140 AND MCP2140A
2.15
The PIC IrDA Standard Stack
Library and the MCP2140A
The MCP2140A is compatible with the PIC IrDA
Standard Stack Library routines for 16-bit PIC micro-
controllers. The application must use the Client Library
routines for the IrCOMM 9-wire Cooked protocol (for
Primary Device operation).
2.16
References
The IrDA Standards organization information can be
found at:
http://www.irda.org
Some common manufacturers of optical transceivers
are shown in Table 2-4.
TABLE 2-4:
COMMON OPTICAL
TRANSCEIVER
MANUFACTURERS
Feature
MCP2140
MCP2140A
Voltage Range
3.0V - 5.5V
2.0V - 5.5V
Frequency of Operation
(MHz)
7.3728
3.6864
UART operation
Half Duplex Full Duplex
UART Receiver buffer
Size (bytes) (max.)
29
60 (2)
UART Transmit buffer
Size (bytes) (max.)
29
60
IR Receiver Frame
Payload Size (bytes)
(max.)
64 (3)
64 (3)
IR Transmit Frame
Payload Size (bytes)
(max.)
64 (3)
64 (3)
Max IDD (uA)
at min. VDD.
PHACT = H
2200
407
PHACT = L
60
23
Integrated Optical
Transceivers RXD
wave shaping circuit
Required
Not
Required
(1)
Optical Transceiver RXPD
bit signal polarity
High to Low
or
Low to High
High to Low
only
Note 1: The External Wave Shaping Circuit is not
required. For applications replacing the
MCP2140, components of the circuit can
be replaced to effectively remove the
waveshaping circuit. See Section 2.13
“Optical Interface”.
2: The MCP2140A will drive the CTS signal
active after the UART Receive Buffer has
59 bytes. The Receive buffer supports the
reception of a 60th byte for systems that
have 0 delay between UART data bytes.
3: Includes 4 bytes overhead for 9-wire
“cooked” protocol. This means that there
are a maximum of 60 data bytes per
frame.
Company
Company Web Site Address
Sharp®
www.sharpsma.com
Infineon®
www.infineon.com
Agilent®
www.agilent.com
Vishay®/Temic
www.vishay.com
Rohm
www.rohm.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com