Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93LC56AX-E/OT Datasheet(PDF) 14 Page - Microchip Technology

Part # 93LC56AX-E/OT
Description  2K Microwire Compatible Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC56AX-E/OT Datasheet(HTML) 14 Page - Microchip Technology

Back Button 93LC56AX-E/OT Datasheet HTML 10Page - Microchip Technology 93LC56AX-E/OT Datasheet HTML 11Page - Microchip Technology 93LC56AX-E/OT Datasheet HTML 12Page - Microchip Technology 93LC56AX-E/OT Datasheet HTML 13Page - Microchip Technology 93LC56AX-E/OT Datasheet HTML 14Page - Microchip Technology 93LC56AX-E/OT Datasheet HTML 15Page - Microchip Technology 93LC56AX-E/OT Datasheet HTML 16Page - Microchip Technology 93LC56AX-E/OT Datasheet HTML 17Page - Microchip Technology 93LC56AX-E/OT Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
93AA56A/B/C, 93LC56A/B/C, 93C56A/B/C
DS21794E-page 14
© 2007 Microchip Technology Inc.
Note:
T = Temperature grade (I, E)
NN = Alphanumeric traceability code
Part Number
1st Line Marking Codes
TSSOP
MSOP
SOT-23
DFN
I Temp.
E Temp.
I Temp.
E Temp.
93AA56A
A56A
3A56AT
2BNN
—
331
—
93AA56B
A56B
3A56BT
2LNN
—
341
—
93AA56C
A56C
3A56CT
—
—
351
—
93LC56A
L56A
3L56AT
2ENN
2FNN
334
335
93LC56B
L56B
3L56BT
2PNN
2RNN
344
345
93LC56C
L56C
3L56CT
—
—
354
355
93C56A
C56A
3C56AT
2HNN
2JNN
337
338
93C56B
C56B
3C56BT
2TNN
2UNN
347
348
93C56C
C56C
3C56CT
—
—
357
358
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com