Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1270AMCVCTTR Datasheet(PDF) 7 Page - Microchip Technology

Part # TC1270AMCVCTTR
Description  Voltage Supervisor with Manual Reset Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1270AMCVCTTR Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC1270AMCVCTTR Datasheet HTML 3Page - Microchip Technology TC1270AMCVCTTR Datasheet HTML 4Page - Microchip Technology TC1270AMCVCTTR Datasheet HTML 5Page - Microchip Technology TC1270AMCVCTTR Datasheet HTML 6Page - Microchip Technology TC1270AMCVCTTR Datasheet HTML 7Page - Microchip Technology TC1270AMCVCTTR Datasheet HTML 8Page - Microchip Technology TC1270AMCVCTTR Datasheet HTML 9Page - Microchip Technology TC1270AMCVCTTR Datasheet HTML 10Page - Microchip Technology TC1270AMCVCTTR Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
© 2007 Microchip Technology Inc.
DS22035B-page 7
TC1270A/70AN/71A
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, TA = –40°C to +125°C.
FIGURE 2-1:
IDD vs. Temperature (Reset
Power-up Timer Inactive)
(TC1270AL, TC1270ANL, TC1271AL
- 4.50V min. / 4.63V typ. / 4.75V max.).
FIGURE 2-2:
IDD vs. Temperature (Reset
Power-up Timer Inactive)
(TC1270AT, TC1270ANT, TC1271AT
- 3.00V min. / 3.08V typ. / 3.15V max.).
FIGURE 2-3:
IDD vs. Temperature (Reset
Power-up Timer Inactive)
(TC1270AR, TC1270ANR, TC1271AR
- 2.55V min. / 2.63V typ. / 2.70V max.).
FIGURE 2-4:
IDD vs. Temperature (Reset
Power-up Timer Active)
(TC1270AL, TC1270ANL, TC1271AL
- 4.50V min. / 4.63V typ. / 4.75V max.).
FIGURE 2-5:
IDD vs. Temperature (Reset
Power-up Timer Active)
(TC1270AT, TC1270ANT, TC1271AT
- 3.00V min. / 3.08V typ. / 3.15V max.).
FIGURE 2-6:
IDD vs. Temperature (Reset
Power-up Timer Active)
(TC1270AR, TC1270ANR, TC1271AR
- 2.55V min. / 2.63V typ. / 2.70V max.).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
0.5
1
1.5
2
2.5
Temperature (°C)
1.0V
2.0V
3.0V
4.0V
5.0V
0
0.5
1
1.5
2
2.5
3
Temperature (°C)
1.0V
2.0V
3.0V
4.0V
5.0V
0
0.5
1
1.5
2
2.5
3
Temperature (°C)
1.0V
2.0V
3.0V
4.0V
5.0V
4.5
5
5.5
6
6.5
7
Temperature (°C)
4.8V
5.5V
3
3.5
4
4.5
5
5.5
6
6.5
7
Temperature (°C)
4.5V
5.5V
3.5V
2.5
3
3.5
4
4.5
5
5.5
6
6.5
Temperature (°C)
4.0V
5.0V
3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com