Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1603-ADJI/OS Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1603-ADJI/OS
Description  2.0 MHz, 500 mA Synchronous Buck Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1603-ADJI/OS Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1603-ADJI/OS Datasheet HTML 7Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 8Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 9Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 10Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 11Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 12Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 13Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 14Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
© 2007 Microchip Technology Inc.
DS22042A-page 11
MCP1603
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Power Supply Input Voltage Pin
(VIN)
Connect the input voltage source to VIN. The input
source must be decoupled to GND with a 4.7 µF
capacitor.
3.2
Ground Pin (GND)
Ground pin for the device. The loop area of the ground
traces should be kept as minimal as possible.
3.3
Shutdown Control Input Pin
(SHDN)
The SHDN pin is a logic-level input used to enable or
disable the device. A logic high (> 45% of VIN) will
enable the regulator output. A logic-low (< 15% of VIN)
will ensure that the regulator is disabled.
3.4
Feedback / Output Voltage Pin
(VFB/VOUT)
For adjustable output options, connect the center of the
output voltage divider to the VFB/VOUT pin. For fixed-
output voltage options, connect the output directly to
the VFB/VOUT pin.
3.5
Switch Node, Buck Inductor
Connection Pin (LX)
Connect the LX pin directly to the buck inductor. This
pin carries large signal-level current; all connections
should be made as short as possible.
3.6
Exposed Metal Pad (EP)
For the DFN package, connect the Exposed Pad to
GND, with vias into the GND plane. This connection to
the GND plane will aid in heat removal from the
package.
Pin No.
Symbol
Description
MCP1603
TSOT23
MCP1603L
TSOT23
2x3 DFN
147
VIN
Power Supply Input Voltage Pin
228
GND
Ground Pin
313
SHDN
Shutdown Control Input Pin
454
VFB/VOUT Feedback / Output Voltage Pin
531
LX
Switch Node, Buck Inductor Connection Pin
—
—
2, 5, 6
NC
No Connect
—
—
Exposed
Pad
EP
For the DFN package, the center exposed pad is a thermal
path to remove heat from the device. Electrically this pad is at
ground potential and should be connected to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com