Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8706AM Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8706AM
Description  6-bit analog-to-digital converter with multiplexer and clamp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8706AM Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8706AM Datasheet HTML 1Page - NXP Semiconductors TDA8706AM Datasheet HTML 2Page - NXP Semiconductors TDA8706AM Datasheet HTML 3Page - NXP Semiconductors TDA8706AM Datasheet HTML 4Page - NXP Semiconductors TDA8706AM Datasheet HTML 5Page - NXP Semiconductors TDA8706AM Datasheet HTML 6Page - NXP Semiconductors TDA8706AM Datasheet HTML 7Page - NXP Semiconductors TDA8706AM Datasheet HTML 8Page - NXP Semiconductors TDA8706AM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1996 Jul 30
2
Philips Semiconductors
Product specification
6-bit analog-to-digital converter
with multiplexer and clamp
TDA8706A
FEATURES
• 6-bit resolution
• Binary 3-state CMOS outputs
• CMOS compatible digital inputs
• 3 multiplexed video inputs
• R, G and B clamps on code 0
• Single 6-bit ADC operation allowed up to 40 MSPS
• External control of clamping level
• Internal reference voltage (external reference allowed)
• Power dissipation only 36 mW (typical)
• Operating temperature of −40 to +85 °C
• Operating between 2.7 and 5.5 V.
APPLICATIONS
• General purpose video applications
• R, G and B signals
• Automotive (car navigation)
• LCD systems
• Frame grabber.
GENERAL DESCRIPTION
The TDA8706A is a 6-bit analog-to-digital converter (ADC)
with 3 analog multiplexed inputs. Each input has an analog
clamp on code 0 for RGB video processing. Clamping
level can also be adjusted externally up to code 20. It can
also be used as a single 6-bit ADC.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDDA
analog supply voltage
2.7
3.0
5.5
V
VDDD
digital supply voltage
2.7
3.0
5.5
V
VDDO
output stages supply voltage
2.7
3.0
5.5
V
IDDA
analog supply current
−
710
mA
IDDD
digital supply current
−
46mA
IDDO
output stages supply current
fclk = 40 MHz; ramp input
−
1
1.5
mA
INL
integral non-linearity
fclk = 40 MHz; ramp input;
Tamb =25 °C
−±0.25
±0.6
LSB
DNL
differential non-linearity
fclk = 40 MHz; ramp input;
Tamb =25 °C
−±0.20
±0.5
LSB
fclk(max)
maximum clock frequency
40
−−
MHz
Ptot
total power dissipation
fclk = 40 MHz; ramp input
3 V supplies
−
36
−
mW
5.5 V supplies
−−
96
mW
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8706AM
SSOP24
plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com