Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F452 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC18F452
Description  28/40-pin High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F452 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC18F452 Datasheet HTML 9Page - Microchip Technology PIC18F452 Datasheet HTML 10Page - Microchip Technology PIC18F452 Datasheet HTML 11Page - Microchip Technology PIC18F452 Datasheet HTML 12Page - Microchip Technology PIC18F452 Datasheet HTML 13Page - Microchip Technology PIC18F452 Datasheet HTML 14Page - Microchip Technology PIC18F452 Datasheet HTML 15Page - Microchip Technology PIC18F452 Datasheet HTML 16Page - Microchip Technology PIC18F452 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 332 page
background image
© 2006 Microchip Technology Inc.
DS39564C-page 11
PIC18FXX2
PORTB is a bi-directional I/O port. PORTB can be software
programmed for internal weak pull-ups on all inputs.
RB0/INT0
RB0
INT0
21
21
I/O
I
TTL
ST
Digital I/O.
External Interrupt 0.
RB1/INT1
RB1
INT1
22
22
I/O
I
TTL
ST
External Interrupt 1.
RB2/INT2
RB2
INT2
23
23
I/O
I
TTL
ST
Digital I/O.
External Interrupt 2.
RB3/CCP2
RB3
CCP2
24
24
I/O
I/O
TTL
ST
Digital I/O.
Capture2 input, Compare2 output, PWM2 output.
RB4
25
25
I/O
TTL
Digital I/O.
Interrupt-on-change pin.
RB5/PGM
RB5
PGM
26
26
I/O
I/O
TTL
ST
Digital I/O. Interrupt-on-change pin.
Low Voltage ICSP programming enable pin.
RB6/PGC
RB6
PGC
27
27
I/O
I/O
TTL
ST
Digital I/O. Interrupt-on-change pin.
In-Circuit Debugger and ICSP programming clock pin.
RB7/PGD
RB7
PGD
28
28
I/O
I/O
TTL
ST
Digital I/O. Interrupt-on-change pin.
In-Circuit Debugger and ICSP programming data pin.
TABLE 1-2:
PIC18F2X2 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
DIP
SOIC
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
I = Input
O = Output
P = Power
OD = Open Drain (no P diode to VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com