Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1827-0802E/EB Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP1827-0802E/EB
Description  1.5A, Low Voltage, Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1827-0802E/EB Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP1827-0802E/EB Datasheet HTML 6Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 7Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 8Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 9Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 10Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 11Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 12Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 13Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
MCP1827/MCP1827S
DS22001C-page 10
© 2007 Microchip Technology Inc.
Note: Unless otherwise indicated, VOUT = 1.8V (Adjustable), VIN = 2.8V, COUT = 4.7 µF Ceramic (X7R), CIN = 4.7 µF
Ceramic (X7R), IOUT = 1 mA, Temperature = +25°C, VIN = VOUT + 0.6V, RPWRGD = 10 kΩ To VIN.
FIGURE 2-7:
Dropout Voltage vs. Load
Current (Adjustable Version).
FIGURE 2-8:
Dropout Voltage vs.
Temperature (Adjustable Version).
FIGURE 2-9:
Power Good (PWRGD)
Time Delay vs. Temperature (Adjustable
Version).
FIGURE 2-10:
Quiescent Current vs. Input
Voltage (0.8V Fixed).
FIGURE 2-11:
Quiescent Current vs. Input
Voltage (2.5V Fixed).
FIGURE 2-12:
Ground Current vs. Load
Current.
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0
250
500
750
1000
1250
1500
Load Current (mA)
VOUT = 2.5V Adj
VOUT = 5.0V Adj
0.30
0.32
0.34
0.36
0.38
0.40
0.42
-45
-20
5
30
55
80
105
130
Temperature (°C)
VOUT = 3.3V Adj
VOUT = 5.0V Adj
VOUT = 2.5V Adj
IOUT = 1.5A
300
310
320
330
340
350
360
370
-45
-20
5
30
55
80
105
130
Temperature (°C)
VOUT = 3.3V Fixed
VIN = 3.9V
VIN = 5.0V
VIN = 4.5V
80
90
100
110
120
130
140
150
23
45
6
Input Voltage (V)
-45°C
+130°C
+85°C
+25°C
VOUT = 0.8V
IOUT = 0 mA
80
90
100
110
120
130
140
150
33.5
44.5
55.5
6
Input Voltage (V)
VOUT = 2.5V
IOUT = 0 mA
+130
°C
-45
°C
+25
°C
+90
°C
0.00
50.00
100.00
150.00
200.00
250.00
0
250
500
750
1000
1250
1500
Load Current (mA)
VIN = 2.3V for VR=0.8V
VIN = 3.1V for VR=2.5V
VOUT=0.8V
VOUT=2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com