Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS40L Datasheet(PDF) 2 Page - ON Semiconductor

Part # BAS40L
Description  Schottky Barrier Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS40L Datasheet(HTML) 2 Page - ON Semiconductor

  BAS40L Datasheet HTML 1Page - ON Semiconductor BAS40L Datasheet HTML 2Page - ON Semiconductor BAS40L Datasheet HTML 3Page - ON Semiconductor BAS40L Datasheet HTML 4Page - ON Semiconductor BAS40L Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BAS40L, SBAS40L
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Reverse Breakdown Voltage
(IR = 10 mA)
V(BR)R
40
−
V
Total Capacitance
(VR = 1.0 V, f = 1.0 MHz)
CT
−
5.0
pF
Reverse Leakage
(VR = 25 V)
IR
−
1.0
mAdc
Forward Voltage
(IF = 1.0 mAdc)
VF
−
380
mVdc
Forward Voltage
(IF = 10 mAdc)
VF
−
500
mVdc
Forward Voltage
(IF = 40 mAdc)
VF
−
1.0
Vdc
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
TYPICAL CHARACTERISTICS
100
0
0.1
VF, FORWARD VOLTAGE (VOLTS)
0.2
0.3
0.4
0.5
10
1.0
0.1
85°C
10
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0.01
0.001
5.0
10
15
20
25
3.5
0
VR, REVERSE VOLTAGE (VOLTS)
3.0
1.0
0.5
0
5.0
10
15
40
Figure 1. Typical Forward Voltage
Figure 2. Reverse Current versus Reverse
Voltage
Figure 3. Typical Capacitance
25°C
TA = 150°C
0.8
−55°C
125°C
150°C
100
25
20
1.5
2.0
2.5
0.6
0.7
30
35
125°C
85°C
25°C
−40°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com