Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M25PX32 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M25PX32
Description  32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PX32 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M25PX32 Datasheet HTML 12Page - STMicroelectronics M25PX32 Datasheet HTML 13Page - STMicroelectronics M25PX32 Datasheet HTML 14Page - STMicroelectronics M25PX32 Datasheet HTML 15Page - STMicroelectronics M25PX32 Datasheet HTML 16Page - STMicroelectronics M25PX32 Datasheet HTML 17Page - STMicroelectronics M25PX32 Datasheet HTML 18Page - STMicroelectronics M25PX32 Datasheet HTML 19Page - STMicroelectronics M25PX32 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
Operating features
M25PX32
16/63
4.8.2
Specific hardware and software protection
There are two software protected modes, SPM1 and SPM2, that can be combined to protect
the memory array as required. The SPM2 can be locked by hardware with the help of the W
input pin.
SPM1 and SPM2
●
The first software protected mode (SPM1) is managed by specific Lock Registers
assigned to each 64 Kbyte sector.
The Lock Registers can be read and written using the Read Lock Register (RDLR) and
Write to Lock Register (WRLR) instructions.
In each Lock Register two bits control the protection of each sector: the Write Lock bit
and the Lock Down bit.
–
Write Lock bit:
The Write Lock bit determines whether the contents of the sector can be modified
(using the Write, Program or Erase instructions). When the Write Lock bit is set to
‘1’, the sector is write protected – any operations that attempt to change the data
in the sector will fail. When the Write Lock bit is reset to ‘0’, the sector is not write
protected by the Lock Register, and may be modified.
–
Lock Down bit:
The Lock Down bit provides a mechanism for protecting software data from simple
hacking and malicious attack. When the Lock Down bit is set, ‘1’, further
modification to the Write Lock and Lock Down bits cannot be performed. A power-
up, is required before changes to these bits can be made. When the Lock Down bit
is reset, ‘0’, the Write Lock and Lock Down bits can be changed.
The definition of the Lock Register bits is given in Table 9: Lock Register out.
●
the second software protected mode (SPM2) uses the Block Protect bits (see
Section 6.4.3: BP2, BP1, BP0 bits) and the Top/Bottom bit (see Section 6.4.4: TB bit) to
allow part of the memory to be configured as read-only.
Table 2.
Software protection truth table (Sectors 0 to 63, 64 Kbyte granularity)
Sector Lock
Register
Protection status
Lock
Down bit
Write
Lock bit
00
Sector unprotected from Program/Erase/Write operations, protection status
reversible
01
Sector protected from Program/Erase/Write operations, protection status
reversible
10
Sector unprotected from Program/Erase/Write operations,
Sector protection status cannot be changed except by a Power-up.
11
Sector protected from Program/Erase/Write operations,
Sector protection status cannot be changed except by a Power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com