Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1483 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1483
Description  20μA, 1⁄8-Unit-Load, Slew-Rate-Limited RS-485 Transceivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1483 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1483 Datasheet HTML 1Page - Maxim Integrated Products MAX1483 Datasheet HTML 2Page - Maxim Integrated Products MAX1483 Datasheet HTML 3Page - Maxim Integrated Products MAX1483 Datasheet HTML 4Page - Maxim Integrated Products MAX1483 Datasheet HTML 5Page - Maxim Integrated Products MAX1483 Datasheet HTML 6Page - Maxim Integrated Products MAX1483 Datasheet HTML 7Page - Maxim Integrated Products MAX1483 Datasheet HTML 8Page - Maxim Integrated Products MAX1483 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
20µA, 1⁄8-Unit-Load, Slew-Rate-Limited
RS-485 Transceivers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC) ...............................................................7V
Control Input Voltages (RE, DE) .................-0.5V to (VCC + 0.5V)
Driver Input Voltage (DI).............................-0.5V to (VCC + 0.5V)
Driver Output Voltages ..........................................-7.5V to 12.5V
Receiver Input Voltages (A, B) ..............................-7.5V to 12.5V
Receiver Output Voltage (RO)....................-0.5V to (VCC + 0.5V)
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) .....727mW
14-Pin Plastic DIP (derate 10.00mW/°C above +70°C) .800mW
8-Pin SO (derate 5.88mW/°C above +70°C)..................471mW
14-Pin SO (derate 8.33mW/°C above +70°C)................667mW
8-Pin µMAX (derate 4.10mW/°C above +70°C) .............330mW
Operating Temperature Ranges
MAX148_C_ _ .......................................................0°C to +70°C
MAX148_E_ _.....................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
DC ELECTRICAL CHARACTERISTICS
(VCC = 5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
V
VIN = -7V
VIN = 12V
VIN = -7V
VIN = 12V
Input Current
(A, B)
IIN2
VTH
k
Ω
96
-7V
≤ VCM ≤ 12V
R = 27
Ω (RS-485), Figure 1
0.4V
≤ VO ≤ 2.4V
R = 50
Ω (RS-422), Figure 1
IO = 4mA, VID = -200mV
IO = -4mA, VID = 200mV
VCM = 0V
-7V
≤ VCM ≤ 12V
DE, DI,
–
R
—
E
–
DE, DI,
–
R
—
E
–
MAX1483,
DE = 0V, VCC = 0V or 5.25V
R = 27
Ω or 50Ω, Figure 1
R = 27
Ω or 50Ω, Figure 1
R = 27
Ω or 50Ω, Figure 1
MAX1482,
DE = 0V, VCC = 0V or 5.25V
CONDITIONS
µA
±1
IOZR
Three-State (high impedance)
Output Current at Receiver
V
0.4
VOL
Receiver Output Low Voltage
3.5
VOH
Receiver Output High Voltage
mV
75
∆VTH
Receiver Input Hysteresis
V
-0.2
0.2
Receiver Differential Threshold
Voltage
-150
200
µA
-100
150
1.5
5
VOD2
Differential Driver Output
(with load)
V
25
V
5
VOD1
Differential Driver Output (no load)
µA
±2
IIN1
Logic Input Current
V
0.8
VIL
Logic Input Low Voltage
V
0.2
∆VOD
Change in Magnitude of Driver
Common-Mode Output Voltage
for Complementary Output States
V
0.2
∆VOD
Change in Magnitude of Driver
Differential Output Voltage for
Complementary Output States
V
3
VOC
Driver Common-Mode Output
Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
RIN
Receiver Input Resistance
Note 1: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device
ground unless otherwise specified.
DE, DI,
–
R
—
E
–
V
2.0
VIH
Logic Input High Voltage
MAX1482 only,
-7V < VY and VZ < 12V
µA
±50
IOZD
Three-State (high impedance)
Output Current at Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com