Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC128-EST Datasheet(PDF) 3 Page - Microchip Technology

Part # 24LC128-EST
Description  I2C??Serial EEPROM Family Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC128-EST Datasheet(HTML) 3 Page - Microchip Technology

  24LC128-EST Datasheet HTML 1Page - Microchip Technology 24LC128-EST Datasheet HTML 2Page - Microchip Technology 24LC128-EST Datasheet HTML 3Page - Microchip Technology 24LC128-EST Datasheet HTML 4Page - Microchip Technology 24LC128-EST Datasheet HTML 5Page - Microchip Technology 24LC128-EST Datasheet HTML 6Page - Microchip Technology 24LC128-EST Datasheet HTML 7Page - Microchip Technology 24LC128-EST Datasheet HTML 8Page - Microchip Technology 24LC128-EST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
© 2007 Microchip Technology Inc.
DS21930B-page 3
24AAXX/24LCXX/24FCXX
128 Kb devices
24AA128
1.7-5.5V
400 kHz (2)
64 bytes
Entire Array
A0, A1,
A2(4)
I
P, SN, SM, ST, MS, MF,
ST14
24LC128
2.5-5.5V
400 kHz
I, E
24FC128
1.7-5.5V
1 MHz(3)
I
256 Kb devices
24AA256
1.7-5.5V
400 kHz (2)
64 bytes
Entire Array
A0, A1,
A2(4)
I
P, SN, SM, ST, MS, MF,
ST14
24LC256
2.5-5.5V
400 kHz
I, E
24FC256
1.7-5.5V
1 MHz(3)
I
512 Kb devices
24AA512
1.7-5.5V
400 kHz (2)
128
bytes
Entire Array
A0, A1, A2
I
P, SM, MF, ST14
24LC512
2.5-5.5V
400 kHz
I, E
24FC512
1.7-5.5V(3) 1 MHz
I
TABLE 1-1:
DEVICE SELECTION TABLE (CONTINUED)
Part Number
VCC
Range
Max. Clock
Frequency
Page
Size
Write-
Protect
Scheme
Functional
Address
Pins
Temp.
Range
Packages(5)
Note 1: 100 kHz for VCC <4.5V.
2: 100 kHz for VCC <2.5V.
3: 400 kHz for VCC <2.5V.
4: Pins A0 and A1 are no-connects for the 24XX128 and 24XX256 in the MSOP package.
5: P = 8-PDIP, SN = 8-SOIC (3.90 mm JEDEC), ST = 8-TSSOP, OT = 5 or 6-SOT23, MC = 2x3mm DFN,
MS = 8-MSOP, SM = 8-SOIC (200 mil EIAJ), MF = 5x6mm DFN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com