| Electronic Components Datasheet Search |
|
93C56CT-E/P Datasheet(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
93C56CT-E/P Datasheet(HTML) 8 Page - Microchip Technology |
|
8 / 28 page ![]() 93AA56A/B/C, 93LC56A/B/C, 93C56A/B/C DS21794E-page 8 © 2007 Microchip Technology Inc. 2.5 Erase All (ERAL) The Erase All (ERAL) instruction will erase the entire memory array to the logical ‘1’ state. The ERAL cycle is identical to the erase cycle, except for the different opcode. The ERAL cycle is completely self-timed and commences at the falling edge of the CS, except on ‘93C’ devices where the rising edge of CLK before the last data bit initiates the write cycle. Clocking of the CLK pin is not necessary after the device has entered the ERAL cycle. The DO pin indicates the Ready/Busy status of the device, if CS is brought high after a minimum of 250 ns low (TCSL). VCC must be ≥ 4.5V for proper operation of ERAL. FIGURE 2-3: ERAL TIMING FOR 93AA AND 93LC DEVICES FIGURE 2-4: ERAL TIMING FOR 93C DEVICES Note: After the ERAL command is complete, issuing a Start bit and then taking CS low will clear the Ready/Busy status from DO. CS CLK DI DO TCSL Check Status 10 0 1 0 x ••• x TSV TCZ Busy Ready High-Z TEC High-Z VCC must be ≥ 4.5V for proper operation of ERAL. CS CLK DI DO TCSL Check Status 10 0 1 0 x ••• x TSV TCZ Busy Ready High-Z TEC High-Z |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |