Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8716 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8716
Description  8-bit high-speed analog-to-digital converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8716 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8716 Datasheet HTML 13Page - NXP Semiconductors TDA8716 Datasheet HTML 14Page - NXP Semiconductors TDA8716 Datasheet HTML 15Page - NXP Semiconductors TDA8716 Datasheet HTML 16Page - NXP Semiconductors TDA8716 Datasheet HTML 17Page - NXP Semiconductors TDA8716 Datasheet HTML 18Page - NXP Semiconductors TDA8716 Datasheet HTML 19Page - NXP Semiconductors TDA8716 Datasheet HTML 20Page - NXP Semiconductors TDA8716 Datasheet HTML 21Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
1996 Aug 26
18
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDA8716
PACKAGE OUTLINES
UNIT
A
max.
1
2
b1
cD
E
e
MH
L
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
SOT101-1
92-11-17
95-01-23
A
min.
A
max.
b
w
ME
e 1
1.7
1.3
0.53
0.38
0.32
0.23
32.0
31.4
14.1
13.7
3.9
3.4
0.25
2.54
15.24
15.80
15.24
17.15
15.90
2.2
5.1
0.51
4.0
0.066
0.051
0.021
0.015
0.013
0.009
1.26
1.24
0.56
0.54
0.15
0.13
0.01
0.10
0.60
0.62
0.60
0.68
0.63
0.087
0.20
0.020
0.16
051G02
MO-015AD
MH
c
(e )
1
ME
A
L
A1
w M
b1
e
D
A2
Z
24
1
13
12
b
E
pin 1 index
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
Z
max.
(1)
(1)
(1)
DIP24: plastic dual in-line package; 24 leads (600 mil)
SOT101-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com