Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC256T-I/MS Datasheet(PDF) 15 Page - Microchip Technology

Part # 24LC256T-I/MS
Description  I2C??Serial EEPROM Family Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256T-I/MS Datasheet(HTML) 15 Page - Microchip Technology

Back Button 24LC256T-I/MS Datasheet HTML 11Page - Microchip Technology 24LC256T-I/MS Datasheet HTML 12Page - Microchip Technology 24LC256T-I/MS Datasheet HTML 13Page - Microchip Technology 24LC256T-I/MS Datasheet HTML 14Page - Microchip Technology 24LC256T-I/MS Datasheet HTML 15Page - Microchip Technology 24LC256T-I/MS Datasheet HTML 16Page - Microchip Technology 24LC256T-I/MS Datasheet HTML 17Page - Microchip Technology 24LC256T-I/MS Datasheet HTML 18Page - Microchip Technology 24LC256T-I/MS Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
© 2007 Microchip Technology Inc.
DS21930B-page 15
24AAXX/24LCXX/24FCXX
5.7.1
CONTIGUOUS ADDRESSING
ACROSS MULTIPLE DEVICES
Chip Select bits A2, A1 and A0 can be used to expand
the contiguous address space by adding up to eight
24XXs on the same bus. Software can use the three
address bits of the control byte as the three Most
Significant bits of the address byte. For example, in the
24XX32 devices, software can use A0 of the control
byte as address bit A12; A1 as address bit A13; and A2
as address bit A14 (Table 5-1). It is not possible to
sequentially read across device boundaries.
TABLE 5-1:
CONTROL BYTE ADDRESS BITS
Maximum
Devices
Maximum
Contiguous
Address Space
Chip Select Bit
A2
Chip Select Bit
A1
Chip Select Bit
A0
1K (24C01C)
8
8 Kb
A10
A9
A8
1K (24XX014)
8
8 Kb
A10
A9
A8
2K (24C02C)
8
16 Kb
A10
A9
A8
2K (24XX024/025)
8
16 Kb
A10
A9
A8
32K (24XX32)
8
256 Kb
A14
A13
A12
64K (24XX64)
8
512 Kb
A15
A14
A13
128K (24XX128)
8*
1 Mb
A16*
A15*
A14
256K (24XX256)
8*
2 Mb
A17*
A16*
A15
512K (24XX512)
8
4 Mb
A18
A17
A16
* Up to two 24XX128 or 24XX256 devices in the MSOP package can be added for up to 256 kb or 512 kb of address
space, respectively. Bits A0 and A1 must be set to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com