| Electronic Components Datasheet Search |
|
24FC256T-I/MS Datasheet(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24FC256T-I/MS Datasheet(HTML) 17 Page - Microchip Technology |
|
17 / 42 page ![]() © 2007 Microchip Technology Inc. DS21930B-page 17 24AAXX/24LCXX/24FCXX 6.2 Page Write The write control byte, word address byte(s), and the first data byte are transmitted to the 24XX in much the same way as in a byte write (see Figure 6-3 and Figure 6-4). The exception is that instead of generating a Stop condition, the master transmits up to one page of bytes(1), which is temporarily stored in the on-chip page buffer. This data is then written into memory once the master has transmitted a Stop condition. Upon receipt of each word, the internal address counter is incremented by one. If the master should transmit more than one page of data prior to generating the Stop con- dition, the address counter will roll over and the previ- ously received data will be overwritten. As with the byte write operation, once the Stop condition is received, an internal write cycle begins. During the write cycle, the 24XX will not acknowledge commands. Page writes can be any number of bytes within a page (up to the page size), starting at any address. Only the data bytes being addressed will be changed within the page. If an attempt is made to write to the array with the WP pin held high, the device will acknowledge the command, but no write cycle will occur, no data will be written and the device will immediately accept a new command. 6.3 Write-Protection The WP pin allows the user to write-protect the array when the pin is tied to VCC. See Device Selection Table 1-1 for the write-protect scheme of each device. If tied to VSS, the write protection is disabled. The WP pin is sampled prior to the Stop bit for every Write command (Figure 2-1). Toggling the WP pin after the Stop bit will have no effect on the execution of the write cycle. FIGURE 6-3: PAGE WRITE: 1 KB TO 16 KBIT DEVICES FIGURE 6-4: PAGE WRITE: 32 TO 512 KBIT DEVICES * See Table 1-1 for maximum number of data bytes in a page. Note 1: See Device Selection Table 1-1 for the page size of each device. Note: Page write operations are limited to writing bytes within a single physical page, regardless of the number of bytes actually being written. Physical page boundaries start at addresses that are integer multiples of the page buffer size (or ‘page size’) and end at addresses that are integer multiples of [page size – 1]. If a Page Write command attempts to write across a physical page boundary, the result is that the data wraps around to the beginning of the current page (over- writing data previously stored there), instead of being written to the next page, as might be expected. It is there- fore necessary for the application soft- ware to prevent page write operations that would attempt to cross a page boundary. S P Bus Activity Master SDA Line Bus Activity S T A R T Control Byte Address Byte Initial Final S T O P A C K A C K A C K A C K A C K Second Data Byte Data Byte Data Byte* Bus Activity Master SDA Line Bus Activity S T A R T Control Byte High Order Address Byte Low Order Address Byte Initial S T O P A C K A C K A C K A C K Final A C K S P Data Byte Data Byte* |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |