Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC256T-I/OT Datasheet(PDF) 4 Page - Microchip Technology

Part # 24LC256T-I/OT
Description  I2C??Serial EEPROM Family Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256T-I/OT Datasheet(HTML) 4 Page - Microchip Technology

  24LC256T-I/OT Datasheet HTML 1Page - Microchip Technology 24LC256T-I/OT Datasheet HTML 2Page - Microchip Technology 24LC256T-I/OT Datasheet HTML 3Page - Microchip Technology 24LC256T-I/OT Datasheet HTML 4Page - Microchip Technology 24LC256T-I/OT Datasheet HTML 5Page - Microchip Technology 24LC256T-I/OT Datasheet HTML 6Page - Microchip Technology 24LC256T-I/OT Datasheet HTML 7Page - Microchip Technology 24LC256T-I/OT Datasheet HTML 8Page - Microchip Technology 24LC256T-I/OT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
24AAXX/24LCXX/24FCXX
DS21930B-page 4
© 2007 Microchip Technology Inc.
2.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (†)
VCC.............................................................................................................................................................................6.5V
All inputs and outputs w.r.t. VSS ......................................................................................................... -0.6V to VCC +1.0V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature with power applied................................................................................................-40°C to +125°C
ESD protection on all pins
......................................................................................................................................................≥ 4kV
TABLE 2-1:
DC CHARACTERISTICS
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at those or any other conditions
above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Characteristics:
Industrial (I):
VCC = +1.7V to 5.5V TA = -40°C to +85°C
Automotive (E):
VCC = +2.5V to 5.5V TA = -40°C to 125°C
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Conditions
D1
—
A0, A1, A2, SCL, SDA and
WP pins:
——
—
—
D2
VIH
High-level input voltage
0.7 VCC
—V
—
D3
VIL
Low-level input voltage
—
0.3 VCC
0.2 VCC
V
V
VCC
≥ 2.5V
VCC < 2.5V
D4
VHYS
Hysteresis of Schmitt Trigger
inputs (SDA, SCL pins)
0.05 VCC
—V
(Note 1)
D5
VOL
Low-level output voltage
—
0.40
V
IOL = 3.0 mA @ VCC = 2.5V
D6
ILI
Input leakage current
—
±1
μAVIN = VSS or VCC
D7
ILO
Output leakage current
—
±1
μAVOUT = VSS or VCC
D8
CIN,
COUT
Pin capacitance
(all inputs/outputs)
—10
pF
VCC = 5.0V (Note 1)
TA = 25°C, FCLK = 1 MHz
D9
ICC Read Operating current
—
400
1
μA
mA
24XX128, 256, 512: VCC = 5.5V,
SCL = 400 kHz
All except 24XX128, 256, 512:
VCC = 5.5V, SCL = 400 kHz
ICC Write
—
3
5
mA
mA
VCC = 5.5V, All except 24XX512
VCC = 5.5V, 24XX512
D10
ICCS
Standby current
—
1
μATA = -40°C to +85°C
SCL = SDA = VCC = 5.5V
A0, A1, A2, WP = VSS or VCC
—5
μATA = -40°C to 125°C
SCL = SDA = VCC = 5.5V
A0, A1, A2, WP = VSS or VCC
—50
μA
24C01C and 24C02C only
SCL = SDA = VCC = 5.5V
A0, A1, A2, WP = VSS or VCC
Note 1: This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com