Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93AA76CT-I/MS Datasheet(PDF) 19 Page - Microchip Technology

Part # 93AA76CT-I/MS
Description  8K Microwire Compatible Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA76CT-I/MS Datasheet(HTML) 19 Page - Microchip Technology

Back Button 93AA76CT-I/MS Datasheet HTML 15Page - Microchip Technology 93AA76CT-I/MS Datasheet HTML 16Page - Microchip Technology 93AA76CT-I/MS Datasheet HTML 17Page - Microchip Technology 93AA76CT-I/MS Datasheet HTML 18Page - Microchip Technology 93AA76CT-I/MS Datasheet HTML 19Page - Microchip Technology 93AA76CT-I/MS Datasheet HTML 20Page - Microchip Technology 93AA76CT-I/MS Datasheet HTML 21Page - Microchip Technology 93AA76CT-I/MS Datasheet HTML 22Page - Microchip Technology 93AA76CT-I/MS Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
© 2006 Microchip Technology Inc.
DS21796H-page 19
93AA76A/B/C, 93LC76A/B/C, 93C76A/B/C
8-Lead Plastic Thin Shrink Small Outline (ST) – 4.4 mm (TSSOP)
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
E
E1
D
e
n
b
2
1
c
L
A
A1
A2
ϕ
β
α
MILLIMETERS*
MIN
NOM
MAX
1.20
1.05
0.15
4.50
3.10
0.75
8°
0.20
0.30
8
–
1.00
–
4.40
3.00
0.60
–
–
–
–
0.80
0.05
4.30
2.90
0.45
0°
0.09
0.19
INCHES
MIN
NOM
MAX
8
–
.039
–
.173
.118
.024
–
–
–
.047
.041
.006
.177
.122
.030
8°
.008
.012
–
.031
.002
.169
.114
.018
0°
.004
.007
.026 BSC
0.65 BSC
.252 BSC
6.40 BSC
12° REF
12° REF
12° REF
12° REF
Units
Dimension Limits
Number of Pins
Pitch
Overall Height
Molded Package Thickness
Standoff
Overall Width
Molded Package Width
Molded Package Length
Foot Length
Foot Angle
Lead Thickness
Lead Width
Mold Draft Angle Top
Mold Draft Angle Bottom
*Controlling Parameter
Notes:
1. Dimension D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed
.005" (0.127mm) per side.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
See ASME Y14.5M
REF: Reference Dimension, usually without tolerance, for information purposes only.
See ASME Y14.5M
Drawing No. C04-086
Revised 7-25-06
n
e
A
A2
A1
E
E1
D
L
ϕ
c
b
α
β



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com