Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8714T/7 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA8714T/7
Description  8-bit high-speed analog-to-digital converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8714T/7 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8714T/7 Datasheet HTML 7Page - NXP Semiconductors TDA8714T/7 Datasheet HTML 8Page - NXP Semiconductors TDA8714T/7 Datasheet HTML 9Page - NXP Semiconductors TDA8714T/7 Datasheet HTML 10Page - NXP Semiconductors TDA8714T/7 Datasheet HTML 11Page - NXP Semiconductors TDA8714T/7 Datasheet HTML 12Page - NXP Semiconductors TDA8714T/7 Datasheet HTML 13Page - NXP Semiconductors TDA8714T/7 Datasheet HTML 14Page - NXP Semiconductors TDA8714T/7 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1997 Oct 29
11
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDA8714
dbook, full pagewidth
MBD876
50 %
50 %
HIGH
LOW
dZH
t
dHZ
t
50 %
HIGH
LOW
dZL
t
dLZ
t
10 %
90 %
output
data
VCCD
output
data
3.3 k
Ω
15 pF
S1
VCCD
TDA8714
CE
CE
Fig.4 Timing diagram and test conditions of 3-state output delay time.
TEST
S1
tdLZ
VCCD
tdZL
VCCD
tdHZ
DGND
tdZH
DGND
fCE = 100 kHz.
Fig.5 Load circuit for timing measurement.
handbook, halfpage
MBB956 - 1
D0 to D7
15 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com