Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8722M Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA8722M
Description  I2C-bus programmable modulator for negative video modulation and FM sound
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8722M Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA8722M Datasheet HTML 18Page - NXP Semiconductors TDA8722M Datasheet HTML 19Page - NXP Semiconductors TDA8722M Datasheet HTML 20Page - NXP Semiconductors TDA8722M Datasheet HTML 21Page - NXP Semiconductors TDA8722M Datasheet HTML 22Page - NXP Semiconductors TDA8722M Datasheet HTML 23Page - NXP Semiconductors TDA8722M Datasheet HTML 24Page - NXP Semiconductors TDA8722M Datasheet HTML 25Page - NXP Semiconductors TDA8722M Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
1998 Jun 23
22
Philips Semiconductors
Product specification
I2C-bus programmable modulator for
negative video modulation and FM sound
TDA8722
UNIT
A1
A2
A3
bp
cD(1)
E(1)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.15
0
1.4
1.2
0.32
0.20
0.20
0.13
6.6
6.4
4.5
4.3
0.65
1.0
0.2
6.6
6.2
0.65
0.45
0.48
0.18
10
0
o
o
0.13
0.1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.20 mm maximum per side are not included.
0.75
0.45
SOT266-1
90-04-05
95-02-25
w M
θ
A
A1
A2
b p
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
X
(A )
3
A
y
0.25
110
20
11
pin 1 index
0
2.5
5 mm
scale
SSOP20: plastic shrink small outline package; 20 leads; body width 4.4 mm
SOT266-1
A
max.
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com