Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8730 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8730
Description  PLL FM demodulator for DBS signals
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8730 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8730 Datasheet HTML 1Page - NXP Semiconductors TDA8730 Datasheet HTML 2Page - NXP Semiconductors TDA8730 Datasheet HTML 3Page - NXP Semiconductors TDA8730 Datasheet HTML 4Page - NXP Semiconductors TDA8730 Datasheet HTML 5Page - NXP Semiconductors TDA8730 Datasheet HTML 6Page - NXP Semiconductors TDA8730 Datasheet HTML 7Page - NXP Semiconductors TDA8730 Datasheet HTML 8Page - NXP Semiconductors TDA8730 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
March 1991
2
Philips Semiconductors
Preliminary specification
PLL FM demodulator for DBS signals
TDA8730
FEATURES
• Broadband IF amplifier
• PLL demodulator, consisting of:
– a multiplier
– a voltage controlled oscillator
– a loop amplifier
• AGC detector and DC amplifier
• LOW impedance video and data output
• Power supply voltage stabilizer
GENERAL DESCRIPTION
The TDA8730 is a sensitive PLL
demodulator for the second IF and
direct broadcasting satellite (DBS)
receivers. It provides AGC output and
threshold adjustment for optimal signal
level at the input of the demodulator.
QUICK REFERENCE DATA
Note
1.
∆f = 13.5 MHz (peak-to-peak value)
ORDERING AND PACKAGE INFORMATION
Note
1. SOT38-1; 1996 December 4.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
−
9
−
V
IDD
supply current
−
75
−
mA
VI
input voltage level
−
70
−
dB
µV
fosc
minimum oscillator frequency
−
130
−
MHz
fosc
maximum oscillator frequency
−
720
−
MHz
VO
video output signal amplitude (peak-to-peak
value)
note 1
−
1.1
−
V
VAGC
AGC output voltage
1.8
−
VDD
V
EXTENDED TYPE
NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA8730
16
DIL
plastic
SOT38GE(1)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com