Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP111-270I/TT Datasheet(PDF) 9 Page - Microchip Technology

Part # MP111-270I/TT
Description  Micropower Voltage Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MP111-270I/TT Datasheet(HTML) 9 Page - Microchip Technology

Back Button MP111-270I/TT Datasheet HTML 5Page - Microchip Technology MP111-270I/TT Datasheet HTML 6Page - Microchip Technology MP111-270I/TT Datasheet HTML 7Page - Microchip Technology MP111-270I/TT Datasheet HTML 8Page - Microchip Technology MP111-270I/TT Datasheet HTML 9Page - Microchip Technology MP111-270I/TT Datasheet HTML 10Page - Microchip Technology MP111-270I/TT Datasheet HTML 11Page - Microchip Technology MP111-270I/TT Datasheet HTML 12Page - Microchip Technology MP111-270I/TT Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
© 2005 Microchip Technology Inc.
DS21889D-page 9
MCP111/112
Note: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 kΩ (only MCP111;
see Figure 4-1), TA = -40°C to +125°C.
FIGURE 2-25:
tRT vs. Temperature
(MCP111-195).
FIGURE 2-26:
tRT vs. Temperature
(MCP112-300).
FIGURE 2-27:
tRT vs. Temperature
(MCP112-475).
FIGURE 2-28:
Open-Drain Leakage
Current vs. Voltage Applied to VOUT Pin
(MCP111-195).
20
25
30
35
40
45
50
55
60
-40
-15
10
35
60
85
110
Temperature (°C)
V
DD increasing from:
0V - 2.1V
VDD increasing from:
0V - 5.5V
VDD increasing from:
0V - 2.8V
VDD increasing
from: 0V - 4.0V
MCP111-195
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
-40
-15
10
35
60
85
110
Temperature (°C)
VDD increasing from:
0V - 3.1V
VDD increasing from:
0V - 5.5V
VDD increasing from:
0V - 3.3V
VDD increasing from:
0V - 4.0V
MCP112-300
0.0800
0.0900
0.1000
0.1100
0.1200
0.1300
0.1400
0.1500
-40
-15
10
35
60
85
110
Temperature (°C)
VDD increasing from:
0V - 4.8V
VDD increasing from:
0V - 5.5V
VDD increasing from:
0V - 4.9V
VDD increasing from:
0V - 5.0V
MCP112-475
1.E-13
1.E-12
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14
Pull-Up Voltage (V)
125°C
25°C
- 40°C
10m
100µ
1m
10µ
1µ
10n
100n
1n
100p
1p
10p
100f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com