Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD534JD Datasheet(PDF) 3 Page - Analog Devices

Part # AD534JD
Description  Internally Trimmed Precision IC Multiplier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD534JD Datasheet(HTML) 3 Page - Analog Devices

  AD534JD Datasheet HTML 1Page - Analog Devices AD534JD Datasheet HTML 2Page - Analog Devices AD534JD Datasheet HTML 3Page - Analog Devices AD534JD Datasheet HTML 4Page - Analog Devices AD534JD Datasheet HTML 5Page - Analog Devices AD534JD Datasheet HTML 6Page - Analog Devices AD534JD Datasheet HTML 7Page - Analog Devices AD534JD Datasheet HTML 8Page - Analog Devices AD534JD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD534
Rev. D | Page 3 of 20
SPECIFICATIONS
TA = 25°C, ±VS = ±15 V, RL ≥ 2 kΩ, all minimum and maximum specifications are guaranteed, unless otherwise noted.
Table 1.
AD534J
AD534K
AD534L
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
MULTIPLIER PERFORMANCE
Transfer Function
2
2
1
2
1
Z
Y
Y
X
X
V
10
)
)(
(
2
2
1
2
1
Z
Y
Y
X
X
V
10
)
)(
(
2
2
1
2
1
Z
Y
Y
X
X
V
10
)
)(
(
Total Error1 (−10 V ≤ X, Y ≤ +10 V)
±1.02
±0.52
±0.252
%
TA = TMIN to TMAX
±1.5
±1.0
±0.5
%
Total Error vs. Temperature
±0.022
±0.015
±0.008
%/°C
Scale Factor Error
(SF = 10.000 V Nominal)3
±0.25
±0.1
±0.1
%
Temperature Coefficient of
Scaling Voltage
±0.02
±0.01
±0.005
%/°C
Supply Rejection (±15 V ± 1 V)
±0.01
±0.01
±0.01
%
Nonlinearity, X (X = 20 V p-p,
Y = 10 V)
±0.4
±0.2
±0.32
±0.10
±0.122
%
Nonlinearity, Y (Y = 20 V p-p, X = 10 V)
±0.2
±0.1
±0.12
±0.005
±0.12
%
Feedthrough4, X (Y Nulled,
X = 20 V p-p 50 Hz)
±0.3
±0.15
±0.32
±0.05
±0.122
%
Feedthrough4, Y (X Nulled,
Y = 20 V p-p, 50 Hz)
±0.01
±0.01
±0.12
±0.003
±0.12
%
Output Offset Voltage
±5
±302
±2
±152
±2
±102
mV
Output Offset Voltage Drift
200
100
100
μV/°C
DYNAMICS
Small Signal BW (VOUT = 0.1 rms)
1
1
1
MHz
1% Amplitude Error (CLOAD = 1000 pF)
50
50
50
kHz
Slew Rate (VOUT 20 p-p)
20
20
20
V/μs
Settling Time (to 1%, D VOUT = 20 V)
2
2
2
μs
NOISE
Noise Spectral Density
SF = 10 V
0.8
0.8
0.8
μV/√Hz
SF = 3 V5
0.4
0.4
0.4
μV/√Hz
Wideband Noise
f = 10 Hz to 5 MHz
1
1
1
mV rms
f = 10 Hz to 10 kHz
90
90
90
μV rms
OUTPUT
Output Voltage Swing
±112
±112
±112
V
Output Impedance (f ≤ 1 kHz)
0.1
0.1
0.1
Ω
Output Short-Circuit Current
(RL = 0 Ω, TA = TMIN to TMAX)
30
30
30
mA
Amplifier Open-Loop Gain (f = 50 Hz)
70
70
70
dB
INPUT AMPLIFIERS (X, Y, and Z)6
Signal Voltage Range
Differential or Common Mode
±10
±10
±10
V
Operating Differential
±12
±12
±12
V
Offset Voltage (X, Y)
±5
±202
±2
±102
±2
±102
mV
Offset Voltage Drift (X, Y)
100
50
50
μV/°C
Offset Voltage (Z)
±5
±302
±2
±152
±2
±102
mV
Offset Voltage Drift (Z)
200
100
100
μV/°C
CMRR
602
80
702
90
702
90
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com