Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8014ART-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8014ART-R2
Description  400 MHz Low Power High Performance Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8014ART-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8014ART-R2 Datasheet HTML 3Page - Analog Devices AD8014ART-R2 Datasheet HTML 4Page - Analog Devices AD8014ART-R2 Datasheet HTML 5Page - Analog Devices AD8014ART-R2 Datasheet HTML 6Page - Analog Devices AD8014ART-R2 Datasheet HTML 7Page - Analog Devices AD8014ART-R2 Datasheet HTML 8Page - Analog Devices AD8014ART-R2 Datasheet HTML 9Page - Analog Devices AD8014ART-R2 Datasheet HTML 10Page - Analog Devices AD8014ART-R2 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AD8014
–7–
VS = 5V
G = +2
RF = 1k
FREQUENCY – MHz
0
–100
0.01
1000
–50
0.10
1
10
100
–40
–30
–20
–10
–60
–70
–80
–90
–PSRR
+PSRR
Figure 13. PSRR vs. Frequency
FREQUENCY – MHz
–20
0.1
1000
–50
1
10
100
–75
–70
–65
–60
–55
–45
–40
–35
–30
–25
VS = +5V
VS = ±5V
Figure 14. CMRR vs. Frequency
FREQUENCY – MHz
–90
1
100
10
–70
–50
–30
3RD
RL = 150
3RD
RL = 1k
DISTORTION BELOW
NOISE FLOOR
2ND
RL = 1k
2ND
RL = 150
Figure 15. Distortion vs. Frequency; VS = ±5 V, G = +2
140
120
100
80
60
20
0
40
0
–40
–80
–120
–160
–200
–240
–280
1k
10k
100k
1M
10M
100M
1G
FREQUENCY – Hz
PHASE
GAIN
Figure 16. Transimpedance Gain and Phase vs.
Frequency
FREQUENCY – MHz
100
10
1
0.1
0.01
1
1000
10
100
0.1
0.01
Figure 17. Output Resistance vs. Frequency, VS = ±5 V
and +5 V
Figure 18. Settling Time
Rev. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com