Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8714M/6 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8714M/6
Description  8-bit high-speed analog-to-digital converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8714M/6 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8714M/6 Datasheet HTML 3Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 4Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 5Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 6Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 7Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 8Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 9Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 10Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
1997 Oct 29
7
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDA8714
Outputs
DIGITAL OUTPUTS D7 to D0 (REFERENCED TO DGND)
VOL
LOW level output voltage
IO = 1 mA
0
−
0.4
V
VOH
HIGH level output voltage
IO = −0.4 mA
2.7
−
VCCD
V
IO = −1 mA
2.4
−
VCCD
V
IOZ
output current in 3-state mode
0.4V<VO <VCCD
−20
−
+20
µA
Switching characteristics
CLOCK INPUT CLK (note 1; see Fig.3)
fclk(max)
maximum clock frequency
TDA8714/4
40
−−
MHz
TDA8714/6
60
−−
MHz
TDA8714/7
80
−−
MHz
tCPH
clock pulse width HIGH
6
−−
ns
tCPL
clock pulse width LOW
6
−−
ns
Analog signal processing
LINEARITY
INL
DC integral non-linearity
−±0.4
±0.5
LSB
DNL
DC differential non-linearity
−±0.2
±0.35
LSB
AINL
AC integral non-linearity
note 3
−±0.5
±1.0
LSB
BANDWIDTH (fclk = 40 MHz); note 4
B
analog bandwidth
full-scale sine wave
−
13
−
MHz
75% full-scale sine
wave; small signal at
Vi = ±5 LSB, code 128
−
20
−
MHz
tSTLH
analog input settling time LOW-to-HIGH
full-scale square
wave; Fig.6; note 5
−
2.5
3.5
ns
tSTHL
analog input settling time HIGH-to-LOW
full-scale square
wave; Fig.6; note 5
−
3.0
4.0
ns
HARMONICS (fclk = 40 MHz)
h1
fundamental harmonics (full scale)
fi = 4.43 MHz
−−
0dB
hall
harmonics (full scale);
all components
fi = 4.43 MHz
second harmonics
−−64
−60
dB
third harmonics
−−58
−55
dB
THD
total harmonic distortion
fi = 4.43 MHz
−−56
−
dB
SIGNAL-TO-NOISE RATIO (note 6; see Figs 7 and 13)
S/N
signal-to-noise ratio (full scale)
without harmonics;
fclk = 40 MHz;
fi = 4.43 MHz
46
48
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com