Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8740 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8740
Description  Satellite sound circuit with noise reduction
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8740 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8740 Datasheet HTML 1Page - NXP Semiconductors TDA8740 Datasheet HTML 2Page - NXP Semiconductors TDA8740 Datasheet HTML 3Page - NXP Semiconductors TDA8740 Datasheet HTML 4Page - NXP Semiconductors TDA8740 Datasheet HTML 5Page - NXP Semiconductors TDA8740 Datasheet HTML 6Page - NXP Semiconductors TDA8740 Datasheet HTML 7Page - NXP Semiconductors TDA8740 Datasheet HTML 8Page - NXP Semiconductors TDA8740 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
October 1994
3
Philips Semiconductors
Product specification
Satellite sound circuit with noise reduction
TDA8740; TDA8740H
ORDERING INFORMATION
Note
1. When using IR reflow soldering it is recommended that the Drypack instructions in the
“Quality Reference Handbook”
(order number 9398 510 63011) are followed.
BLOCK DIAGRAM
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8740
SDIP42
plastic shrink dual in-line package; 42 leads (600 mil)
SOT270-1
TDA8740H
QFP44(1)
plastic quad flat package; 44 leads (lead length 1.3 mm);
body 10
× 10 × 1.75 mm
SOT307-2
Fig.1 Block diagram.
The pin numbers in parenthesis refer to the QFP44 package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com